công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33363AP bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC33363AP
Giải thích chi tiết về linh kiện  High Voltage Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363AP bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC33363AP Datasheet HTML 5Page - ON Semiconductor MC33363AP Datasheet HTML 6Page - ON Semiconductor MC33363AP Datasheet HTML 7Page - ON Semiconductor MC33363AP Datasheet HTML 8Page - ON Semiconductor MC33363AP Datasheet HTML 9Page - ON Semiconductor MC33363AP Datasheet HTML 10Page - ON Semiconductor MC33363AP Datasheet HTML 11Page - ON Semiconductor MC33363AP Datasheet HTML 12Page - ON Semiconductor MC33363AP Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC33363A
http://onsemi.com
9
OPERATING DESCRIPTION
Introduction
The MC33363A represents a new higher level of
integration by providing all the active high voltage power,
control,
and
protection
circuitry
required
for
implementation of a flyback or forward converter on a single
monolithic chip. This device is designed for direct operation
from a rectified 240 Vac line source and requires a minimum
number of external components to implement a complete
converter. A description of each of the functional blocks is
given below, and the representative block and timing
diagrams are shown in Figures 19 and 20.
Oscillator and Current Mirror
The oscillator frequency is controlled by the values
selected for the timing components RT and CT. Resistor RT
programs the oscillator charge/discharge current via the
Current Mirror 4 I output, Figure 4. Capacitor CT is charged
and discharged by an equal magnitude internal current
source and sink. This generates a symmetrical 50%
duty cycle waveform at Pin 7, with a peak and valley
threshold of 2.6 V and 0.6 V respectively. During the
discharge of CT, the oscillator generates an internal blanking
pulse that holds the inverting input of the AND gate
driver high. This causes the Power Switch gate drive to be
held in a low state, thus producing a well controlled amount
of output deadtime. The amount of deadtime is relatively
constant with respect to the oscillator frequency when
operating below 1.0 MHz. The maximum Power Switch
duty cycle at Pin 16 can be modified from the internal 50%
limit by providing an additional charge or discharge current
path to CT, Figure 21. In order to increase the maximum duty
cycle, a discharge current resistor RD is connected from
Pin 7 to ground. To decrease the maximum duty cycle, a
charge current resistor RC is connected from Pin 7 to the
Regulator Output. Figure 5 shows an obtainable range of
maximum output duty cycle versus the ratio of either RC or
RD with respect to RT.
Figure 21. Maximum Duty Cycle Modification
PWM
Current
Regulator Output
1.0
R
C
8
6
2.25 I
I
T
T
Mirror
4 I
Oscillator
Comparator
RD
RC
7
Current
Limit
Reference
Blanking
Pulse
The formula for the charge/discharge current along with
the oscillator frequency are given below. The frequency
formula is a first order approximation and is accurate for CT
values greater than 500 pF. For smaller values of CT, refer to
Figure 2. Note that resistor RT also programs the Current
Limit Comparator threshold.
I
chg dscg +
5.4
R
T
f
[
I
chg dscg
4C
T
PWM Comparator and Latch
The pulse width modulator consists of a comparator with
the oscillator ramp voltage applied to the non−inverting
input, while the error amplifier output is applied into the
inverting input. The Oscillator applies a set pulse to the
PWM Latch while CT is discharging, and upon reaching the
valley voltage, Power Switch conduction is initiated. When
CT charges to a voltage that exceeds the error amplifier
output, the PWM Latch is reset, thus terminating Power
Switch conduction for the duration of the oscillator ramp−up
period.
This
PWM
Comparator/Latch
combination
prevents multiple output pulses during a given oscillator
clock cycle. The timing diagram shown in Figure 20
illustrates the Power Switch duty cycle behavior versus the
Compensation voltage.
Current Limit Comparator and Power Switch
The MC33363A uses cycle−by−cycle current limiting as
a means of protecting the output switch transistor from
overstress. Each on−cycle is treated as a separate situation.
Current limiting is implemented by monitoring the output
switch current buildup during conduction, and upon sensing
an overcurrent condition, immediately turning off the switch
for the duration of the oscillator ramp−up period.
The Power Switch is constructed as a SENSEFET
allowing a virtually lossless method of monitoring the drain
current. It consists of a total of 2819 cells, of which 65 are
connected to a 6.0
W ground−referenced sense resistor. The
Current Sense Comparator detects if the voltage across the
sense resistor exceeds the reference level that is present at
the inverting input. If exceeded, the comparator quickly
resets the PWM Latch, thus protecting the Power Switch.
The current limit reference level is generated by the 2.25 I
output of the Current Mirror. This current causes a reference
voltage to appear across the 450
W resistor. This voltage
level, as well as the Oscillator charge/discharge current are
both set by resistor RT. Therefore when selecting the values
for RT and CT, RT must be chosen first to set the Power
Switch peak drain current, while CT is chosen second to set
the desired Oscillator frequency. A graph of the Power
Switch peak drain current versus RT is shown in Figure 3
with the related formula below.
I
pk +
15.95
R
T
1000
− 1.14
The Power Switch is designed to directly drive the
converter transformer and is capable of switching a


Số phần tương tự - MC33363AP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363AP ONSEMI-MC33363AP Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
More results

Mô tả tương tự - MC33363AP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33363B ONSEMI-MC33363B_05 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363 ONSEMI-MC33363_06 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com