công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33362 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC33362
Giải thích chi tiết về linh kiện  High Voltage Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33362 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC33362 Datasheet HTML 1Page - ON Semiconductor MC33362 Datasheet HTML 2Page - ON Semiconductor MC33362 Datasheet HTML 3Page - ON Semiconductor MC33362 Datasheet HTML 4Page - ON Semiconductor MC33362 Datasheet HTML 5Page - ON Semiconductor MC33362 Datasheet HTML 6Page - ON Semiconductor MC33362 Datasheet HTML 7Page - ON Semiconductor MC33362 Datasheet HTML 8Page - ON Semiconductor MC33362 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC33362
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (VCC = 20 V, RT = 10 k, CT = 390 pF, CPin 8 = 1.0 mF, for typical values TJ = 25°C,
for min/max values TJ is the operating junction temperature range that applies (Note 3), unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
ERROR AMPLIFIER (Pins 9, 10)
Open Loop Voltage Gain (TJ= 25°C)
AVOL
82
dB
Gain Bandwidth Product (f = 100 kHz, TJ= 25°C)
GBW
1.0
MHz
Output Voltage Swing
High State (ISource = 100 mA, VFB < 2.0 V)
Low State (ISink = 100 mA, VFB > 3.0 V)
VOH
VOL
4.0
5.3
0.2
0.35
V
OVERVOLTAGE DETECTION (Pin 11)
Input Threshold Voltage
Vth
2.47
2.6
2.73
V
Input Bias Current (Vin = 2.6 V)
IIB
100
500
nA
PWM COMPARATOR (Pins 7, 9)
Duty Cycle
Maximum (VFB = 0 V)
Minimum (VFB = 2.7 V)
DC(max)
DC(min)
48
50
0
52
0
%
POWER SWITCH (Pin 16)
Drain−Source On−State Resistance (ID = 200 mA)
TJ = 25°C
TJ = Tlow to Thigh
RDS(on)
4.4
6.0
12
W
Drain−Source Off−State Leakage Current (VDS = 500 V)
ID(off)
0.2
50
mA
Rise Time
tr
50
ns
Fall Time
tf
50
ns
OVERCURRENT COMPARATOR (Pin 16)
Current Limit Threshold (RT = 10 k)
Ilim
0.7
0.9
1.1
A
STARTUP CONTROL (Pin 1)
Peak Startup Current (Vin = 50 V) (TJ = −25°C to 100°C)
VCC = 0 V
VCC = (Vth(on) − 0.2 V)
Istart
2.0
2.0
5.0
5.0
8.0
8.0
mA
Off−State Leakage Current (Vin = 50 V, VCC = 20 V)
ID(off)
40
200
mA
UNDERVOLTAGE LOCKOUT (Pin 3)
Startup Threshold (VCC Increasing)
Vth(on)
11
14.5
18
V
Minimum Operating Voltage After Turn−On
VCC(min)
7.5
9.5
11.5
V
TOTAL DEVICE (Pin 3)
Power Supply Current
Startup (VCC = 10 V, Pin 1 Open)
Operating
ICC
0.3
3.6
0.5
5.0
mA
2. Maximum power dissipation limits must be observed.
3. Tested junction temperature range for the MC33362:
Tlow = −25°CThigh = +125°C
4. Tested junction temperature range for the MC33362:
Tlow = −25°CThigh = +125°C


Số phần tương tự - MC33362

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33362 ONSEMI-MC33362 Datasheet
390Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 3
MC33362DW ONSEMI-MC33362DW Datasheet
390Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 3
MC33362P ONSEMI-MC33362P Datasheet
390Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 3
More results

Mô tả tương tự - MC33362

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33363A ONSEMI-MC33363A_05 Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363B ONSEMI-MC33363B_05 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363 ONSEMI-MC33363_06 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com