công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33365 bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC33365
Giải thích chi tiết về linh kiện  High Voltage Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33365 bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC33365_06 Datasheet HTML 3Page - ON Semiconductor MC33365_06 Datasheet HTML 4Page - ON Semiconductor MC33365_06 Datasheet HTML 5Page - ON Semiconductor MC33365_06 Datasheet HTML 6Page - ON Semiconductor MC33365_06 Datasheet HTML 7Page - ON Semiconductor MC33365_06 Datasheet HTML 8Page - ON Semiconductor MC33365_06 Datasheet HTML 9Page - ON Semiconductor MC33365_06 Datasheet HTML 10Page - ON Semiconductor MC33365_06 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MC33365
http://onsemi.com
9
The Power Switch is designed to directly drive the converter
transformer and is capable of switching a maximum of
700 V and 1.0 A. Proper device voltage snubbing and
heatsinking are required for reliable operation.
A Leading Edge Blanking circuit was placed in the current
sensing signal path. This circuit prevents a premature reset
of the PWM Latch. The premature reset is generated each
time the Power Switch is driven into conduction. It appears
as a narrow voltage spike across the current sense resistor,
and is due to the MOSFET gate to source capacitance,
transformer interwinding capacitance, and output rectifier
recovery time. The Leading Edge Blanking circuit has a
dynamic behavior in that it masks the current signal until the
Power Switch turn−on transition is completed. The current
limit propagation delay time is typically 262 ns. This time is
measured from when an overcurrent appears at the Power
Switch drain, to the beginning of turn−off.
Error Amplifier
An fully compensated Error Amplifier with access to the
inverting input and output is provided for primary side
voltage sensing, Figure 17. It features a typical dc voltage
gain of 82 dB, and a unity gain bandwidth of 1.0 MHz with
78 degrees of phase margin, Figure 6. The noninverting
input is internally biased at 2.6 V ±3.1% and is not pinned
out. The Error Amplifier output is pinned out for external
loop compensation and as a means for directly driving the
PWM Comparator. The output was designed with a limited
sink current capability of 270 μA, allowing it to be easily
overridden with a pull−up resistor. This is desirable in
applications that require secondary side voltage sensing.
Bulk Capacitor Voltage Comparator
In order to avoid output voltage bouncing during
electricity brownout condition, a Bulk Capacitor Voltage
Comparator with programmable hysteresis is included in
this device. The non−inverting input, pin 11, is connected to
the voltage divider comprised of RUpper and RLower as
shown in Figure 20 monitoring the bulk capacitor voltage
level. The inverting input is connected to a threshold voltage
of 1.25 V internally. As bulk capacitor voltage drops below
the pre−programmed level, (Pin 11 drops below 1.25 V), a
reset signal will be generated via internal protection logic to
the PWM Latch so turning off the Power Switch
immediately. An internal current source controlled by the
state of the comparator provides a means to program the
voltage hysteresis. The following equation shows the
relationship between VBULK levels and the voltage divider
network resistors.
RUpper + 20
[VBulk_H * VBulk_L ]
in K Ohm
RLower +
25
[VBulk_H * VBulk_L ]
VBulk_H * 1.25
in K Ohm
Figure 20. Bulk OK Functional Operation
VBULK
RUpper
RLower
BOK
11
Vref
50 mA
1.25 V
Protection Logic
Undervoltage Lockout
An Undervoltage Lockout comparator has been
incorporated to guarantee that the integrated circuit has
sufficient voltage to be fully functional before the output
stage is enabled. The UVLO comparator monitors the VCC
voltage at Pin 3 and when it exceeds 14.5 V, the reset signal
is removed from the PWM Latch allowing operation of the
Power Switch. To prevent erratic switching as the threshold
is crossed, 5.0 V of hysteresis is provided.
Startup Control
An internal Startup Control circuit with a high voltage
enhancement mode MOSFET is included within the
MC33365. This circuitry allows for increased converter
efficiency by eliminating the external startup resistor, and its
associated power dissipation, commonly used in most
off−line converters that utilize a UC3842 type of controller.
Rectified ac line voltage is applied to the Startup Input,
Pin 1. This causes the MOSFET to enhance and supply
internal bias as well as charge current to the VCC bypass
capacitor that connects from Pin 3 to ground. When VCC
reaches the UVLO upper threshold of 15.2 V, the IC
commences operation and the startup MOSFET is turned
off. Operating bias is now derived from the auxiliary
transformer winding, and all of the device power is
efficiently converted down from the rectified ac line.
The startup MOSFET will provide a steady current of
1.7 mA, Figure 11, as VCC increases or shorted to ground.
The startup MOSFET is rated at a maximum of 400 V with
VCC shorted to ground, and 500 V when charging a VCC
capacitor of 1000 μF or less.
Regulator
A low current 6.5 V regulated output is available for
biasing the Error Amplifier and any additional control
system circuitry. It is capable of up to 10 mA and has


Số phần tương tự - MC33365_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33365P ONSEMI-MC33365P Datasheet
233Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
More results

Mô tả tương tự - MC33365_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33363A ONSEMI-MC33363A_05 Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363B ONSEMI-MC33363B_05 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363 ONSEMI-MC33363_06 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com