công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33363ADW bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC33363ADW
Giải thích chi tiết về linh kiện  High Voltage Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363ADW bảng dữ liệu(HTML) 6 Page - ON Semiconductor

Back Button MC33363ADW Datasheet HTML 2Page - ON Semiconductor MC33363ADW Datasheet HTML 3Page - ON Semiconductor MC33363ADW Datasheet HTML 4Page - ON Semiconductor MC33363ADW Datasheet HTML 5Page - ON Semiconductor MC33363ADW Datasheet HTML 6Page - ON Semiconductor MC33363ADW Datasheet HTML 7Page - ON Semiconductor MC33363ADW Datasheet HTML 8Page - ON Semiconductor MC33363ADW Datasheet HTML 9Page - ON Semiconductor MC33363ADW Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC33363A
http://onsemi.com
6
1.0
160
−50
32
VDS, DRAIN−SOURCE VOLTAGE (V)
VCC = 20 V
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
ID = 200 mA
Figure 13. Power Switch Drain−Source
On−Resistance versus Temperature
Figure 14. Power Switch
Drain−Source Capacitance versus Voltage
Pulse tested at 5.0 ms with < 1.0% duty cycle
so that TJ is as close to TA as possible.
COSS measured at 1.0 MHz with 50 mVpp.
24
16
8.0
0
120
40
80
0
−25
0
25
50
75
150
100
10
100
1000
125
4.0
0
3.6
VCC, SUPPLY VOLTAGE (V)
Figure 15. Supply Current versus Supply Voltage
RT = 10 k
Pin 1 = Open
Pin 4, 5, 10, 11,
12, 13 = GND
TA = 25°C
2.4
1.6
0.8
0
10
20
30
40
0.01
100
t, TIME (s)
Figure 16. DW and P Suffix Transient
Thermal Resistance
0.1
1.0
10
100
10
1.0
L = 12.7 mm of 2.0 oz.
copper. Refer to Figures
17 and 18.
3.2
CT = 2.0 nF
CT = 390 pF
0
100
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Figure 17. DW Suffix (SOP−16L) Thermal Resistance and
Maximum Power Dissipation versus P.C.B. Copper Length
RqJA
90
70
60
80
50
10
20
30
40
50
2.8
2.4
1.6
1.2
2.0
0.8
0.4
0
40
30
0
0
Figure 18. P Suffix (DIP−16) Thermal Resistance and
Maximum Power Dissipation versus P.C.B. Copper Length
Graphs represent symmetrical layout
3.0 mm
Printed circuit board heatsink example
L
L
100
80
60
40
20
10
20
30
40
50
L, LENGTH OF COPPER (mm)
5.0
4.0
3.0
2.0
1.0
0
PD(max) for TA = 70°C
2.0 oz
Copper
RqJA
Graphs represent symmetrical layout
3.0 mm
L
L
2.0 oz
Copper
Printed circuit board heatsink example


Số phần tương tự - MC33363ADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363ADW ONSEMI-MC33363ADW Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33363ADWG ONSEMI-MC33363ADWG Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363ADWG ONSEMI-MC33363ADWG Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
MC33363ADWR2G ONSEMI-MC33363ADWR2G Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363ADWR2G ONSEMI-MC33363ADWR2G Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
More results

Mô tả tương tự - MC33363ADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33363B ONSEMI-MC33363B_05 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363 ONSEMI-MC33363_06 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com