công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33363 bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC33363
Giải thích chi tiết về linh kiện  High Voltage Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363 bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC33363_06 Datasheet HTML 6Page - ON Semiconductor MC33363_06 Datasheet HTML 7Page - ON Semiconductor MC33363_06 Datasheet HTML 8Page - ON Semiconductor MC33363_06 Datasheet HTML 9Page - ON Semiconductor MC33363_06 Datasheet HTML 10Page - ON Semiconductor MC33363_06 Datasheet HTML 11Page - ON Semiconductor MC33363_06 Datasheet HTML 12Page - ON Semiconductor MC33363_06 Datasheet HTML 13Page - ON Semiconductor MC33363_06 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC33363
http://onsemi.com
10
The Power Switch is designed to directly drive the converter
transformer and is capable of switching a maximum of
700 V and 1.0 A. Proper device voltage snubbing and
heatsinking are required for reliable operation.
A Leading Edge Blanking circuit was placed in the current
sensing signal path. This circuit prevents a premature reset
of the PWM Latch. The premature reset is generated each
time the Power Switch is driven into conduction. It appears
as a narrow voltage spike across the current sense resistor,
and is due to the MOSFET gate to source capacitance,
transformer interwinding capacitance, and output rectifier
recovery time. The Leading Edge Blanking circuit has a
dynamic behavior in that it masks the current signal until the
Power Switch turn−on transition is completed. The current
limit propagation delay time is typically 233 ns. This time is
measured from when an overcurrent appears at the Power
Switch drain, to the beginning of turn−off.
Error Amplifier
An fully compensated Error Amplifier with access to the
inverting input and output is provided for primary side voltage
sensing, Figure 17. It features a typical dc voltage gain of 82
dB, and a unity gain bandwidth of 1.0 MHz with 78 degrees of
phase margin, Figure 5. The noninverting input is internally
biased at 2.6 V ±3.1% and is not pinned out. The Error
Amplifier output is pinned out for external loop compensation
and as a means for directly driving the PWM Comparator. The
output was designed with a limited sink current capability of
270
mA, allowing it to be easily overridden with a pull−up
resistor. This is desirable in applications that require secondary
side voltage sensing, Figure 20. In this application, the Voltage
Feedback Input is connected to the Regulator Output. This
disables the Error Amplifier by placing its output into the sink
state, allowing the optocoupler transistor to directly control the
PWM Comparator.
Overvoltage Protection
An Overvoltage Protection Comparator is included to
eliminate the possibility of runaway output voltage. This
condition can occur if the control loop feedback signal path
is broken due to an external component or connection
failure. The comparator is normally used to monitor the
primary side VCC voltage. When the 2.6 V threshold is
exceeded, it will immediately turn off the Power Switch, and
protect the load from a severe overvoltage condition. This
input can also be driven from external circuitry to inhibit
converter operation.
Undervoltage Lockout
An Undervoltage Lockout comparator has been
incorporated to guarantee that the integrated circuit has
sufficient voltage to be fully functional before the output
stage is enabled. The UVLO comparator monitors the VCC
voltage at Pin 3 and when it exceeds 14.5 V, the reset signal
is removed from the PWM Latch allowing operation of the
Power Switch. To prevent erratic switching as the threshold
is crossed, 5.0 V of hysteresis is provided.
Startup Control
An internal Startup Control circuit with a high voltage
enhancement mode MOSFET is included within the
MC33363. This circuitry allows for increased converter
efficiency by eliminating the external startup resistor, and its
associated power dissipation, commonly used in most
off−line converters that utilize a UC3842 type of controller.
Rectified ac line voltage is applied to the Startup Input,
Pin 1. This causes the MOSFET to enhance and supply
internal bias as well as charge current to the VCC bypass
capacitor that connects from Pin 3 to ground. When VCC
reaches the UVLO upper threshold of 15.2 V, the IC
commences operation and the startup MOSFET is turned
off. Operating bias is now derived from the auxiliary
transformer winding, and all of the device power is
efficiently converted down from the rectified ac line.
The startup MOSFET will provide an initial peak current
of 20 mA, Figure 10, which decreases rapidly as VCC and
the die temperature rise. The steady state current will self
limit in the range of 8.0 mA with VCC shorted to ground. The
startup MOSFET is rated at a maximum of 400 V with VCC
shorted to ground, and 500 V when charging a VCC
capacitor of 1000
mF or less.
Regulator
A low current 6.5 V regulated output is available for
biasing the Error Amplifier and any additional control
system circuitry. It is capable of up to 10 mA and has
short−circuit protection. This output requires an external
bypass capacitor of at least 1.0
mF for stability.
Thermal Shutdown and Package
Internal thermal circuitry is provided to protect the Power
Switch in the event that the maximum junction temperature
is exceeded. When activated, typically at 155°C, the Latch is
forced into a ‘reset’ state, disabling the Power Switch. The
Latch is allowed to ‘set’ when the Power Switch temperature
falls below 145°C. This feature is provided to prevent
catastrophic failures from accidental device overheating. It is
not intended to be used as a substitute for proper heatsinking.
The MC33363 is contained in a heatsinkable plastic
dual−in−line package in which the die is mounted on a special
heat tab copper alloy lead frame. This tab consists of the four
center ground pins that are specifically designed to improve
thermal conduction from the die to the circuit board.
Figures 15 and 16 show a simple and effective method of
utilizing the printed circuit board medium as a heat dissipater
by soldering these pins to an adequate area of copper foil. This
permits the use of standard layout and mounting practices
while having the ability to halve the junction to air thermal
resistance. The examples are for a symmetrical layout on a
single−sided board with two ounce per square foot of copper.
Figure 22 shows a practical example of a printed circuit board
layout that utilizes the copper foil as a heat dissipater. Note
that a jumper was added to the layout from Pins 8 to 10 in
order to enhance the copper area near the device for improved
thermal conductivity. The application circuit requires two
ounce copper foil in order to obtain 8.0 watts of continuous
output power at room temperature.


Số phần tương tự - MC33363_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33363A ONSEMI-MC33363A Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363ADW ONSEMI-MC33363ADW Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33363ADW ONSEMI-MC33363ADW Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363ADWG ONSEMI-MC33363ADWG Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
More results

Mô tả tương tự - MC33363_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33363A ONSEMI-MC33363A_05 Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363B ONSEMI-MC33363B_05 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com