công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33362DW bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33362DW
Giải thích chi tiết về linh kiện  High Voltage Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33362DW bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33362DW Datasheet HTML 1Page - ON Semiconductor MC33362DW Datasheet HTML 2Page - ON Semiconductor MC33362DW Datasheet HTML 3Page - ON Semiconductor MC33362DW Datasheet HTML 4Page - ON Semiconductor MC33362DW Datasheet HTML 5Page - ON Semiconductor MC33362DW Datasheet HTML 6Page - ON Semiconductor MC33362DW Datasheet HTML 7Page - ON Semiconductor MC33362DW Datasheet HTML 8Page - ON Semiconductor MC33362DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 Semiconductor Components Industries, LLC, 2005
April, 2005 − Rev. 6
1
Publication Order Number:
MC33362/D
MC33362
High Voltage Switching
Regulator
The MC33362 is a monolithic high voltage switching regulator that
is specifically designed to operate from a rectified 120 VAC line
source. This integrated circuit features an on−chip 500 V/2.0 A
SENSEFET
 power switch, 250 V active off−line startup FET, duty
cycle controlled oscillator, current limiting comparator with a
programmable threshold and leading edge blanking, latching pulse
width modulator for double pulse suppression, high gain error
amplifier, and a trimmed internal bandgap reference. Protective
features include cycle−by−cycle current limiting, input undervoltage
lockout with hysteresis, output overvoltage protection, and thermal
shutdown. This device is available in a 16−lead dual−in−line and wide
body surface mount packages.
On−Chip 500 V, 2.0 A SENSEFET Power Switch
Rectified 120 VAC Line Source Operation
On−Chip 250 V Active Off−Line Startup FET
Latching PWM for Double Pulse Suppression
Cycle−By−Cycle Current Limiting
Input Undervoltage Lockout with Hysteresis
Output Overvoltage Protection Comparator
Trimmed Internal Bandgap Reference
Internal Thermal Shutdown
Pb−Free Packages are Available
This device contains 221 active transistors.
Startup
Reg
OSC
Thermal
LEB
PWM
DC Output
Startup Input
GND
4, 5, 12, 13
Mirror
7
AC Input
Regulator
Output
6
8
CT
RT
PWM Latch
EA
Ipk
VCC
3
11
16
9
10
1
Compensation
Voltage
Feedback
Input
Power Switch
Drain
Overvoltage
Protection
Input
Driver
OVP
UVLO
S
R
Q
Figure 1. Simplified Application
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MC33362DW
SO−16W
47 Units/Rail
MC33362P
PDIP−16
25 Units/Rail
MC33362DWR2
SO−16W
1000 Tape & Reel
MARKING
DIAGRAMS
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
1
16
PDIP−16
P SUFFIX
CASE 648E
1
16
SO−16W
DW SUFFIX
CASE 751N
116
13
12
11
10
9
3
4
5
6
7
8
(Top View)
Startup Input
VCC
GND
RT
CT
Regulator Output
Power Switch
Drain
GND
Compensation
PIN CONNECTIONS
Overvoltage
Protection Input
Voltage Feedback
Input
MC33362P
AWLYYWW
MC33362DW
AWLYYWW
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MC33362DWG
SO−16W
(Pb−Free)
47 Units/Rail
MC33362DWR2G
SO−16W
(Pb−Free)
1000 Tape & Reel


Số phần tương tự - MC33362DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33362DW ONSEMI-MC33362DW Datasheet
390Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 3
More results

Mô tả tương tự - MC33362DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33363A ONSEMI-MC33363A_05 Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363B ONSEMI-MC33363B_05 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363 ONSEMI-MC33363_06 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com