công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

MC33362 Datasheet(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33362
Nội dung chi tiết  High Voltage Switching Regulator
tải về  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo 

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 Semiconductor Components Industries, LLC, 2005
April, 2005 − Rev. 6
1
Publication Order Number:
MC33362/D
MC33362
High Voltage Switching
Regulator
The MC33362 is a monolithic high voltage switching regulator that
is specifically designed to operate from a rectified 120 VAC line
source. This integrated circuit features an on−chip 500 V/2.0 A
SENSEFET
 power switch, 250 V active off−line startup FET, duty
cycle controlled oscillator, current limiting comparator with a
programmable threshold and leading edge blanking, latching pulse
width modulator for double pulse suppression, high gain error
amplifier, and a trimmed internal bandgap reference. Protective
features include cycle−by−cycle current limiting, input undervoltage
lockout with hysteresis, output overvoltage protection, and thermal
shutdown. This device is available in a 16−lead dual−in−line and wide
body surface mount packages.
On−Chip 500 V, 2.0 A SENSEFET Power Switch
Rectified 120 VAC Line Source Operation
On−Chip 250 V Active Off−Line Startup FET
Latching PWM for Double Pulse Suppression
Cycle−By−Cycle Current Limiting
Input Undervoltage Lockout with Hysteresis
Output Overvoltage Protection Comparator
Trimmed Internal Bandgap Reference
Internal Thermal Shutdown
Pb−Free Packages are Available
This device contains 221 active transistors.
Startup
Reg
OSC
Thermal
LEB
PWM
DC Output
Startup Input
GND
4, 5, 12, 13
Mirror
7
AC Input
Regulator
Output
6
8
CT
RT
PWM Latch
EA
Ipk
VCC
3
11
16
9
10
1
Compensation
Voltage
Feedback
Input
Power Switch
Drain
Overvoltage
Protection
Input
Driver
OVP
UVLO
S
R
Q
Figure 1. Simplified Application
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MC33362DW
SO−16W
47 Units/Rail
MC33362P
PDIP−16
25 Units/Rail
MC33362DWR2
SO−16W
1000 Tape & Reel
MARKING
DIAGRAMS
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
1
16
PDIP−16
P SUFFIX
CASE 648E
1
16
SO−16W
DW SUFFIX
CASE 751N
116
13
12
11
10
9
3
4
5
6
7
8
(Top View)
Startup Input
VCC
GND
RT
CT
Regulator Output
Power Switch
Drain
GND
Compensation
PIN CONNECTIONS
Overvoltage
Protection Input
Voltage Feedback
Input
MC33362P
AWLYYWW
MC33362DW
AWLYYWW
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MC33362DWG
SO−16W
(Pb−Free)
47 Units/Rail
MC33362DWR2G
SO−16W
(Pb−Free)
1000 Tape & Reel



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn