công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33275MN-3.0R2G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33275MN-3.0R2G
Giải thích chi tiết về linh kiện  300 mA, Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275MN-3.0R2G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33275MN-3.0R2G Datasheet HTML 1Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 2Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 3Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 4Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 5Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 6Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 7Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 8Page - ON Semiconductor MC33275MN-3.0R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC33275, NCV33275
http://onsemi.com
2
PIN CONNECTIONS
GND
Vin
Vout
4
12
3
GND
GND
Vin
Vout
4
12
3
GND
Input
GND
GND
N/C
Output
GND
GND
N/C
Pins 4 and 5 Not Connected
MC33275ST
1
2
3
4
8
7
6
5
MC33275D
MC33275DT
4
3
2
1
5
6
7
8
Input
Input
Input
N/C
Output
N/C
GND
N/C
MC33275MN
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
VCC
13
Vdc
Power Dissipation and Thermal Characteristics
TA = 25°C
Maximum Power Dissipation
Case 751 (SOIC−8) D Suffix
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
Case 318E (SOT−223) ST Suffix
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
Case 369A (DPAK−3) DT Suffix
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
Case 488AF (DFN−8, 4x4) MN Suffix
Thermal Resistance, Junction−to−Air (with 1.0 oz PCB cu area)
Thermal Resistance, Junction−to−Air (with 1.8 oz PCB cu area)
Thermal Resistance, Junction−to−Case
PD
RqJA
RqJC
RqJA
RqJC
RqJA
RqJC
RqJA
RqJA
psi−JC*
Internally Limited
160
25
245
15
92
6.0
183
93
9.0
W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Output Current
IO
300
mA
Maximum Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
− 40 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
ESD
4000
400
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
*“C’’ (“case’’) is defined as the solder−attach interface between the center of the exposed pad on the bottom of the package, and the board to
which it is attached.


Số phần tương tự - MC33275MN-3.0R2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33275MN-3.0R2G ONSEMI-MC33275MN-3.0R2G Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
More results

Mô tả tương tự - MC33275MN-3.0R2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com