công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33342DR2 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33342DR2
Giải thích chi tiết về linh kiện  Battery Fast Charge Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33342DR2 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33342DR2 Datasheet HTML 1Page - ON Semiconductor MC33342DR2 Datasheet HTML 2Page - ON Semiconductor MC33342DR2 Datasheet HTML 3Page - ON Semiconductor MC33342DR2 Datasheet HTML 4Page - ON Semiconductor MC33342DR2 Datasheet HTML 5Page - ON Semiconductor MC33342DR2 Datasheet HTML 6Page - ON Semiconductor MC33342DR2 Datasheet HTML 7Page - ON Semiconductor MC33342DR2 Datasheet HTML 8Page - ON Semiconductor MC33342DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 7
1
Publication Order Number:
MC33340/D
MC33340, MC33342
Battery Fast Charge
Controllers
The MC33340 and MC33342 are monolithic control IC’s that are
specifically designed as fast charge controllers for Nickel Cadmium
(NiCd) and Nickel Metal Hydride (NiMH) batteries. These devices
feature negative slope voltage detection as the primary means for fast
charge termination. Accurate detection is ensured by an output that
momentarily interrupts the charge current for precise voltage
sampling. An additional secondary backup termination method can
be selected that consists of either a programmable time or temperature
limit. Protective features include battery over and undervoltage
detection, latched over temperature detection, and power supply input
undervoltage lockout with hysteresis. Fast charge holdoff time is the
only difference between the MC33340 and the MC33342. The
MC33340 has
a typical holdoff time of 177 seconds
and the
MC33342 has a typical holdoff time of 708 seconds.
Negative Slope Voltage Detection with 4.0 mV Sensitivity
Accurate Zero Current Battery Voltage Sensing
High Noise Immunity with Synchronous VFC/Logic
Programmable 1 to 4 Hour Fast Charge Time Limit
Programmable Over/Undertemperature Detection
Battery Over and Undervoltage Fast Charge Protection
Power Supply Input Undervoltage Lockout with Hysteresis
Operating Voltage Range of 3.25 V to 18 V
177 seconds Fast Change Holdoff Time (MC33340)
708 seconds Fast Change Holdoff Time (MC33342)
Pb−Free Packages are Available
Figure 1. Simplified Block Diagram
This device contains 2,512 active transistors.
DC
Input
VCC
Undervoltage
Lockout
Over
Temp
Latch
Battery
Detect
Temp
Detect
Time/
Temp Select
Vsen
Vsen
Gate
Fast/
Trickle
Voltage to
Frequency
Converter
DV Detect
Counter
Timer
Battery
Pack
Internal Bias
VCC
VCC
GND
Q
R
S
t1/Tref High
t2/Tsen
t3/Tref Low
7
6
5
8
4
3
2
1
High
Low
Vsen
Gate
F/T
Over
Under
t1
t2
t3
t/T
Ck
F/V
R
PDIP−8
P SUFFIX
CASE 626
1
8
SOIC−8
NB SUFFIX
CASE 751
1
8
MARKING
DIAGRAMS
x
= 0 or 2
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
8
MC3334xP
AWL
YYWW
(Top View)
PIN CONNECTIONS
VCC
8
Vsen Input
Vsen Gate Output
Fast/Trickle Output
Gnd
t1/Tref High
t2/Tsen
t3/Tref Low
7
6
5
1
2
3
4
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
3334x
ALYWX
G
1
8


Số phần tương tự - MC33342DR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33342 ONSEMI-MC33342 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
More results

Mô tả tương tự - MC33342DR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Eutech Microelectronics...
EUP8051 EUTECH-EUP8051 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051A EUTECH-EUP8051A Datasheet
487Kb / 15P
   Low Cost 1A Linear Battery Charge Controllers
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com