công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33340P bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC33340P
Giải thích chi tiết về linh kiện  Battery Fast Charge Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33340P bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC33340P Datasheet HTML 6Page - ON Semiconductor MC33340P Datasheet HTML 7Page - ON Semiconductor MC33340P Datasheet HTML 8Page - ON Semiconductor MC33340P Datasheet HTML 9Page - ON Semiconductor MC33340P Datasheet HTML 10Page - ON Semiconductor MC33340P Datasheet HTML 11Page - ON Semiconductor MC33340P Datasheet HTML 12Page - ON Semiconductor MC33340P Datasheet HTML 13Page - ON Semiconductor MC33340P Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC33340, MC33342
http://onsemi.com
10
Figure 11. Timer Functional Block Diagram
Oscillator
760 kHz
÷23
÷26
÷23
÷21
÷25
÷28
÷22
÷2
÷2
÷2
÷2
Normal
Test
Switch 2
211
Switch 3A
25
95 kHz
SCK to
Voltage to
Frequency
Converter
Fast/Trickle Output
Time and Test Decoder
Each test mode bypass switch is shown
in the proper position for normal charger operation.
÷22
t1/TrefHigh
t3/TrefLow
t2/Tsen
Switch 3B
211
Switch 1
219
Q
Q
22 ms Convert
11 ms Preset
Holdoff Time Signal
D
MC33340
MC33342
Figure 12. Line Isolated Linear Regulator Charger
This application combines the MC33340/342 with an adjustable three terminal regulator to form an isolated secondary side battery charger. Regulator IC2
operates as a constant current source with R7 setting the fast charge level. The trickle charge level is set by R5. The R2/R1 divider should be adjusted so
that the Vsen input is less than 2.0 V when the batteries are fully charged. The printed circuit board shown below will accept the several TO−220 style heat-
sinks for IC2 and are all manufactured by AAVID Engineering Inc.
VCC
Undervoltage
Lockout
Over
Temp
Latch
Battery
Detect
Temp
Detect
Time/Temp
Select
Vsen
Vsen
Gate
Fast/
Trickle
Voltage to
Frequency
Converter
DV Detect
Counter
Timer
Battery
Pack
Internal Bias
VCC
VCC
Gnd
Q
R
S
t1/Tref High
t2/Tsen
t3/Tref Low
7
6
5
8
4
3
2
1
High
Low
Vsen
Gate
F/T
Over
Under
t1
t2
t3
t/T
Ck
F/V
R
DC
Input
D1
Charge
Status
R2
R1
IC1 MC33340 or MC33342
2.0 V
1.0 V
RNTC
10 k
R3
R4
SW2
SW1
SW3
2.9 V
30
mA
30
mA
30
mA
0.6 V
C2
0.1
D3
R5
1.0 k
1N4002
D2
C1
0.01
R7
2.4
R8
220
IAdj
R6
1.8 k
AC
Line
Input
R2
+ R1
VBatt
Vsen
– 1
Ichg(fast) +
Vref ) (IAdj R8)
R7
Ichg(trickle) +
Vin – Vf(D3) –VBatt
R5
LM317
IC2
D4


Số phần tương tự - MC33340P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
More results

Mô tả tương tự - MC33340P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Eutech Microelectronics...
EUP8051 EUTECH-EUP8051 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051A EUTECH-EUP8051A Datasheet
487Kb / 15P
   Low Cost 1A Linear Battery Charge Controllers
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com