công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33340D bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC33340D
Giải thích chi tiết về linh kiện  Battery Fast Charge Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33340D bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC33340D Datasheet HTML 5Page - ON Semiconductor MC33340D Datasheet HTML 6Page - ON Semiconductor MC33340D Datasheet HTML 7Page - ON Semiconductor MC33340D Datasheet HTML 8Page - ON Semiconductor MC33340D Datasheet HTML 9Page - ON Semiconductor MC33340D Datasheet HTML 10Page - ON Semiconductor MC33340D Datasheet HTML 11Page - ON Semiconductor MC33340D Datasheet HTML 12Page - ON Semiconductor MC33340D Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC33340, MC33342
http://onsemi.com
9
Table 2. CONTROLLER OPERATING MODE TABLE
Input Condition
Controller Operation
Vsen Input Voltage:
>1.0 V and <2.0 V
The divided down battery pack voltage is within the fast charge voltage range. The charger switches
from trickle to fast charge mode as Vsen enters this voltage range, and a reset pulse is then applied to
the timer and the overtemperature latch.
>1.0 V and <2.0 V with
two consecutive −
DV
events detected after the
initial holdoff period (thold)
The battery pack has reached full charge and the charger switches from fast to a latched trickle mode.
A reset pulse must be applied for the charger to switch back to the fast mode. The reset pulse occurs
when entering the 1.0 V to 2.0 V window for Vsen or when VCC rises above 3.0 V.
<1.0 V or >2.0 V
The divided down battery pack voltage is outside of the fast charge voltage range. The charger
switches from fast to trickle mode.
Timer Backup:
Within time limit
The timer has not exceeded the programmed limit. The charger will be in fast charge mode if Vsen and
VCC are within their respective operating limits.
Beyond time limit
The timer has exceeded the programmed limit. The charger switches from fast to a latched
trickle mode.
Temperature Backup:
Within limits
The battery pack temperature is within the programmed limits. The charger will be in fast charge mode
if Vsen and VCC are within their respective operating limits.
Below lower limit
The battery pack temperature is below the programmed lower limit. The charger will stay in trickle
mode until the lower temperature limit is exceeded. When exceeded, the charger will switch from trickle
to fast charge mode.
Above upper limit
The battery pack temperature has exceeded the programmed upper limit. The charger switches from
fast to a latched trickle mode. A reset signal must be applied and then released for the charger to
switch back to the fast charge mode. The reset pulse occurs when entering the 1.0 V to 2.0 V window
for Vsen or when VCC rises above 3.0 V.
Power Supply Voltage:
VCC >3.0 V and <18 V
This is the nominal power supply operating voltage range. The charger will be in fast charge mode if
Vsen, and temperature backup or timer backup are within their respective operating limits.
VCC >0.6 V and <2.8 V
The undervoltage lockout comparator will be activated and the charger will be in trickle mode. A reset
signal is applied to the timer and over temperature latch.
Testing
Under normal operating conditions, it would take
283 minutes to verify the operation of the 34 stage ripple
counter used in the timer. In order to significantly reduce the
test time, three digital switches were added to the circuitry
and are used to bypass selected divider stages. Entering each
of the test modes without requiring additional package pins
or affecting normal device operation proved to be
challenging. Refer to the timer functional block diagram in
Figure 11.
Switch 1 bypasses 19 divider stages to provide a 524,288
times speedup of the clock. This switch is enabled when the
Vsen input falls below 1.0 V. Verification of the programmed
fast charge time limit is accomplished by measuring the
propagation delay from when the Vsen input falls below
1.0 V, to when the F/T output changes from a high−to−low
state. The 71, 106, 141, 177, 212, 247 and 283 will now
correspond to 8.1, 12.1, 16.2, 20.2, 24.3, 28.3 and 32.3 ms
delays. It is possible to enter this test mode during operation
if the equivalent battery pack voltage was to fall below 1.0 V.
This will not present a problem since the device would
normally switch from fast to trickle mode under these
conditions, and the relatively short variable time delay
would be transparent to the user.
Switch 2 bypasses 11 divider stages to provide a 2048
times speedup of the clock. This switch is necessary for
testing the 19 stages that were bypassed when switch 1 was
enabled. Switch 2 is enabled when the Vsen input falls below
1.0 V and the t1/Tref High input is biased at −100 mV.
Verification of the 19 stages is accomplished by measuring
a nominal propagation delay of 338.8 ms from when the Vsen
input falls below 1.0 V, to when the F/T output changes from
a high−to−low state.
Switch 3 is a dual switch consisting of sections “A” and
“B”. Section “A” bypasses 5 divider stages to provide a 32
times speedup of the Vsen gate signal that is used in sampling
the battery voltage. This speedup allows faster test
verification of two successive −
DV events. Section “B”
bypasses 11 divider stages to provide a 2048 speedup of the
trickle mode holdoff timer. Switches 3A and 3B are both
activated when the t1/Tref High input is biased at −100 mV
with respect to Pin 4.


Số phần tương tự - MC33340D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
More results

Mô tả tương tự - MC33340D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Eutech Microelectronics...
EUP8051 EUTECH-EUP8051 Datasheet
527Kb / 17P
   Low Cost 1A Linear Battery Charge Controllers
EUP8051A EUTECH-EUP8051A Datasheet
487Kb / 15P
   Low Cost 1A Linear Battery Charge Controllers
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com