công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33035PG bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC33035PG
Giải thích chi tiết về linh kiện  Brushless DC Motor Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33035PG bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC33035PG Datasheet HTML 1Page - ON Semiconductor MC33035PG Datasheet HTML 2Page - ON Semiconductor MC33035PG Datasheet HTML 3Page - ON Semiconductor MC33035PG Datasheet HTML 4Page - ON Semiconductor MC33035PG Datasheet HTML 5Page - ON Semiconductor MC33035PG Datasheet HTML 6Page - ON Semiconductor MC33035PG Datasheet HTML 7Page - ON Semiconductor MC33035PG Datasheet HTML 8Page - ON Semiconductor MC33035PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MC33035, NCV33035
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (VCC = VC = 20 V, RT = 4.7 k, CT = 10 nF, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER
Output Voltage Swing
High State (RL = 15 k to Gnd)
Low State (RL = 15 k to Vref)
VOH
VOL
4.6
5.3
0.5
1.0
V
OSCILLATOR SECTION
Oscillator Frequency
fOSC
22
25
28
kHz
Frequency Change with Voltage (VCC = 10 to 30 V)
ΔfOSC/ΔV
0.01
5.0
%
Sawtooth Peak Voltage
VOSC(P)
4.1
4.5
V
Sawtooth Valley Voltage
VOSC(V)
1.2
1.5
V
LOGIC INPUTS
Input Threshold Voltage (Pins 3, 4, 5, 6, 7, 22, 23)
High State
Low State
VIH
VIL
3.0
2.2
1.7
0.8
V
Sensor Inputs (Pins 4, 5, 6)
High State Input Current (VIH = 5.0 V)
Low State Input Current (VIL = 0 V)
IIH
IIL
−150
− 600
−70
− 337
−20
−150
μA
Forward/Reverse, 60
°/120° Select (Pins 3, 22, 23)
High State Input Current (VIH = 5.0 V)
Low State Input Current (VIL = 0 V)
IIH
IIL
−75
− 300
−36
−175
−10
−75
μA
Output Enable
High State Input Current (VIH = 5.0 V)
Low State Input Current (VIL = 0 V)
IIH
IIL
−60
−60
−29
−29
−10
−10
μA
CURRENT−LIMIT COMPARATOR
Threshold Voltage
Vth
85
101
115
mV
Input Common Mode Voltage Range
VICR
3.0
V
Input Bias Current
IIB
− 0.9
− 5.0
μA
OUTPUTS AND POWER SECTIONS
Top Drive Output Sink Saturation (Isink = 25 mA)
VCE(sat)
0.5
1.5
V
Top Drive Output Off−State Leakage (VCE = 30 V)
IDRV(leak)
0.06
100
μA
Top Drive Output Switching Time (CL = 47 pF, RL = 1.0 k)
ns
Rise Time
tr
107
300
Fall Time
tf
26
300
Bottom Drive Output Voltage
High State (VCC = 20 V, VC = 30 V, Isource = 50 mA)
Low State (VCC = 20 V, VC = 30 V, Isink = 50 mA)
VOH
VOL
(VCC −2.0)
(VCC −1.1)
1.5
2.0
V
Bottom Drive Output Switching Time (CL = 1000 pF)
ns
Rise Time
tr
38
200
Fall Time
tf
30
200
Fault Output Sink Saturation (Isink = 16 mA)
VCE(sat)
225
500
mV
Fault Output Off−State Leakage (VCE = 20 V)
IFLT(leak)
1.0
100
μA
Under Voltage Lockout
V
Drive Output Enabled (VCC or VC Increasing)
Vth(on)
8.2
8.9
10
Hysteresis
VH
0.1
0.2
0.3
Power Supply Current
Pin 17 (VCC = VC = 20 V)
Pin 17 (VCC = 20 V, VC = 30 V)
Pin 18 (VCC = VC = 20 V)
Pin 18 (VCC = 20 V, VC = 30 V)
ICC
IC
12
14
3.5
5.0
16
20
6.0
10
mA


Số phần tương tự - MC33035PG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33035PG ONSEMI-MC33035PG Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
More results

Mô tả tương tự - MC33035PG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com