công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC33039DG bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
MC33039DG bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
5 / 8 page MC33039, NCV33039 http://onsemi.com 5 Figure 3. fout, Pulse Width versus Timing Resistor Figure 4. fout, Pulse Width Change versus Temperature TA , AMBIENT TEMPERATURE (°C) RT , TIMING RESISTOR (kW) 0 1.0 10 2.0 0.1 100 20 200 0.01 − 55 −0.8 0 − 25 + 25 + 50 + 125 + 100 + 75 −1.6 +0.8 +1.6 VCC = 6.25 V TA = 25°C CT = 220 nF CT = 22 nF CT = 2.2 nF VCC = 6.25 V RT = 10 k CT = 22 nF Figure 5. fout, Pulse Width Change versus Supply Voltage Figure 6. Supply Current versus Supply Voltage 0 VCC , SUPPLY VOLTAGE (V) 4.0 4.5 + 4.0 + 2.0 0 − 2.0 − 4.0 5.5 6.5 7.5 8.5 VCC , SUPPLY VOLTAGE (V) 2.0 6.0 4.0 8.0 10 8.0 0 12 16 20 TA = 25°C Pins 1, 2, 3 Connected together TA = 25°C TA = 125°C TA = −40°C + 0.4 0 0 TA , AMBIENT TEMPERATURE (°C) 0 + 125 + 0.6 + 0.4 + 0.2 IO , OUTPUT LOAD CURRENT (mA) 4.0 8.0 12 16 + 0.2 − 4.0 − 2.0 0 0 0 + 25 − 25 − 55 −16 − 8.0 +8.0 + 50 +16 + 75 + 100 − 0.2 Figure 7. fout, Saturation versus Load Current Figure 8. fout, Saturation Change versus Temperature VCC = 6.25 V TA = 25°C Source Saturation (Load to Ground) VCC GND Sink Saturation (Load to VCC) VCC = 6.25 V IO = 5.0 mA D Sink Saturation (Load to VCC) D Source Saturation (Load to Ground) |
Số phần tương tự - MC33039DG |
|
Mô tả tương tự - MC33039DG |