công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33039D bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33039D
Giải thích chi tiết về linh kiện  Closed Loop Brushless Motor Adapter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33039D bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33039D Datasheet HTML 1Page - ON Semiconductor MC33039D Datasheet HTML 2Page - ON Semiconductor MC33039D Datasheet HTML 3Page - ON Semiconductor MC33039D Datasheet HTML 4Page - ON Semiconductor MC33039D Datasheet HTML 5Page - ON Semiconductor MC33039D Datasheet HTML 6Page - ON Semiconductor MC33039D Datasheet HTML 7Page - ON Semiconductor MC33039D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC33039, NCV33039
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
VCC Zener Current
I
Z(V
CC
)
30
mA
Logic Input Current (Pins 1, 2, 3)
IIH
5.0
mA
Output Current (Pins 4, 5), Sink or Source
IDRV
20
mA
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation @ TA = + 85°C
Thermal Resistance, Junction−to−Air
PD
RqJA
650
100
mW
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature Range
MC33039
NCV33039
TA
−40 to +85
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (VCC = 6.25 V, RT = 10 k, CT = 22 nF, TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
Input Threshold Voltage
High State
Low State
Hysteresis
VIH
VIL
VH
2.4
0.4
2.1
1.4
0.7
1.0
0.9
V
Input Current
High State (VIH = 5.0 V)
φA
φB, φC
Low State (VIL = 0 V)
φA
φB, φC
IIH
IIL
− 40
− 190
− 60
− 0.3
− 300
− 0.3
− 80
− 5.0
− 380
− 5.0
mA
MONOSTABLE AND OUTPUT SECTIONS
Output Voltage
High State
fout (Isource = 5.0 mA)
φA (Isource = 2.0 mA)
Low State
fout (Isink = 10 mA)
φA (Isink = 10 mA)
VOH
VOL
3.60
4.20
3.95
4.75
0.25
0.25
4.20
0.50
0.50
V
Capacitor CT Discharge Current
Idischg
20
35
60
mA
Output Pulse Width (Pin 5)
tPW
205
225
245
ms
POWER SUPPLY SECTION
Power Supply Operating Voltage Range
MC33039 (TA = −40° to +85°C)
NCV33039 (TA = −40° to +125°C)
VCC
5.5
VZ
V
Power Supply Current
ICC
1.8
3.9
5.0
mA
Zener Voltage (IZ = 10 mA)
VZ
7.5
8.25
9.0
V
Zener Dynamic Impedance (
DIZ = 10 mA to 20 mA, f p 1.0 kHz)
⎥ Zka
2.0
5.0
W


Số phần tương tự - MC33039D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33039D ONSEMI-MC33039D Datasheet
139Kb / 8P
   CLOSED LOOP BRUSHLESS MOTOR ADAPTER
1996 REV 0
More results

Mô tả tương tự - MC33039D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33039 ONSEMI-MC33039 Datasheet
139Kb / 8P
   CLOSED LOOP BRUSHLESS MOTOR ADAPTER
1996 REV 0
logo
List of Unclassifed Man...
NEMA17 ETC-NEMA17 Datasheet
577Kb / 5P
   Integrated Closed Loop Stepper Motor
Rev. 5.2
logo
International Rectifier
OMC506 IRF-OMC506 Datasheet
75Kb / 7P
   Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
List of Unclassifed Man...
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
   730 MHz Closed Loop Buffer
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
   Precision RF Closed Loop Buffer
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
   Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
   Hall closed loop current sensor
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com