công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33030DWG bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC33030DWG
Giải thích chi tiết về linh kiện  DC Servo Motor Controller/Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33030DWG bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC33030DWG Datasheet HTML 1Page - ON Semiconductor MC33030DWG Datasheet HTML 2Page - ON Semiconductor MC33030DWG Datasheet HTML 3Page - ON Semiconductor MC33030DWG Datasheet HTML 4Page - ON Semiconductor MC33030DWG Datasheet HTML 5Page - ON Semiconductor MC33030DWG Datasheet HTML 6Page - ON Semiconductor MC33030DWG Datasheet HTML 7Page - ON Semiconductor MC33030DWG Datasheet HTML 8Page - ON Semiconductor MC33030DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MC33030
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (VCC = 14 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
WINDOW DETECTOR
Input Hysteresis Voltage (V1 − V4, V2 − V3, Figure 18)
VH
25
35
45
mV
Input Dead Zone Range (V2 − V4, Figure 18)
VIDZ
166
210
254
mV
Input Offset Voltage (
⎢[V2 − VPin 2] − [VPin 2 − V4]⎟ Figure 18)
VIO
25
mV
Input Functional Common−Mode Range (Note 3)
Upper Threshold
Lower Threshold
VIH
VIL
(VCC − 1.05)
0.24
V
Reference Input Self Centering Voltage
Pins 1 and 2 Open
VRSC
(1/2 VCC)
V
Window Detector Propagation Delay
Comparator Input, Pin 3, to Drive Outputs
VID = 0.5 V, RL(DRV) = 390 W
tp(IN/DRV)
2.0
ms
OVERCURRENT MONITOR
Overcurrent Reference Resistor Voltage (Pin 15)
ROC
3.9
4.3
4.7
V
Delay Pin Source Current
VDLY = 0 V, ROC = 27 k, IDRV = 0 mA
IDLY(source)
5.5
6.9
mA
Delay Pin Sink Current (ROC = 27 k, IDRV = 0 mA)
VDLY = 5.0 V
VDLY = 8.3 V
VDLY = 14 V
IDLY(sink)
0.1
0.7
16.5
mA
Delay Pin Voltage, Low State (IDLY = 0 mA)
VOL(DLY)
0.3
0.4
V
Overcurrent Shutdown Threshold
VCC = 14 V
VCC = 8.0 V
Vth(OC)
6.8
5.5
7.5
6.0
8.2
6.5
V
Overcurrent Shutdown Propagation Delay
Delay Capacitor Input, Pin 16, to Drive Outputs, VID = 0.5 V
tp(DLY/DRV)
1.8
ms
POWER H−SWITCH
Drive−Output Saturation (− 40
°C p TA p+ 85°C, Note 4)
High−State
(Isource = 100 mA)
Low−State
(Isink = 100 mA)
VOH(DRV)
VOL(DRV)
(VCC − 2)
(VCC − 0.85)
0.12
1.0
V
Drive−Output Voltage Switching Time (CL = 15 pF)
Rise Time
Fall Time
tr
tf
200
200
ns
Brake Diode Forward Voltage Drop (IF = 200 mA, Note 4)
VF
1.04
2.5
V
TOTAL DEVICE
Standby Supply Current
ICC
14
25
mA
Overvoltage Shutdown Threshold
(− 40
°C p TA p + 85°C)
Vth(OV)
16.5
18
20.5
V
Overvoltage Shutdown Hysteresis (Device “off” to “on”)
VH(OV)
0.3
0.6
1.0
V
Operating Voltage Lower Threshold
(− 40
°C p TA p + 85°C)
VCC
7.5
8.0
V
3. The upper or lower hysteresis will be lost when operating the Input, Pin 3, close to the respective rail. Refer to Figure 4.
4. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.


Số phần tương tự - MC33030DWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33030DW ONSEMI-MC33030DW Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
More results

Mô tả tương tự - MC33030DWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
logo
Toshiba Semiconductor
TB9056FNG TOSHIBA-TB9056FNG Datasheet
778Kb / 45P
   Automotive DC Servo Motor Driver
2017-08-09
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
   DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
   DC Motor Driver for Servo Driver Applications
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
   SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
   SERVO MOTOR CONTROLLER
AA51890 AGAMEM-AA51890 Datasheet
233Kb / 7P
   SERVO MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com