công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14598BCP bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC14598BCP bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 6 page MC14598B http://onsemi.com 2 PIN ASSIGNMENT NC DATA RESET D0 VSS A1 A0 STROBE ENABLE D3 D2 D1 VDD A2 D7 D6 D5 D4 14 15 16 17 18 10 11 12 13 5 4 3 2 1 9 8 7 6 BLOCK DIAGRAM 1 17 16 15 14 13 12 11 D0 D1 D2 D3 D4 D5 D6 D7 ENABLE 4 THREE STATE OUTPUT BUFFERS 8 LATCHES ADDRESS DECODER VDD = 18 VSS = 9 2 3 6 RESET DATA STROBE A0 A1 A2 7 8 10 ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) Characteristic Symbol VDD Vdc − 55 _C 25 _C 125 _C Unit Min Max Min Typ (Note 2) Max Min Max Output Voltage “0” Level Vin = VDD or 0 VOL 5.0 10 15 − − − 0.05 0.05 0.05 – − − 0 0 0 0.05 0.05 0.05 – − − 0.05 0.05 0.05 Vdc “1” Level Vin = 0 or VDD VOH 5.0 10 15 4.95 9.95 14.95 – − − 4.95 9.95 14.95 5.0 10 15 – − − 4.95 9.95 14.95 – − − Vdc Input Voltage (Note 3), Enable “0” Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) VIL 5.0 10 15 − − − 0.8 1.6 2.4 − − − 1.1 2.2 3.4 0.8 1.6 2.4 – − − 0.8 1.6 2.4 Vdc “1” Level (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) VIH 5.0 10 15 2.0 6.0 10 − − − 2.0 6.0 10 1.9 3.1 4.3 – − − 2.0 6.0 10 – − − Vdc Input Voltage “0” Level Other Inputs (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) VIL 5.0 10 15 − − − 1.5 3.0 4.0 – − − 2.25 4.50 6.75 1.5 3.0 4.0 – − − 1.5 3.0 4.0 Vdc (VO = 0.5 or 4.5 Vdc) “1” Level (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) VIH 5.0 10 15 3.5 7.0 11 – − − 3.5 7.0 11 2.75 5.50 8.25 – − − 3.5 7.0 11 – − − Vdc Output Drive Current Source (Full — Sink Only) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) IOH 5.0 10 1 5 –1.0 − − – − − –1.0 − − –2.0 –6.0 –12 – − − –1.0 − − – − − mAdc (VOL = 0.4 Vdc) Sink (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) IOL 5.0 10 15 1.6 − − − − − 1.6 − − 3.2 6.0 12 – − − 1.6 − − – − − mAdc Input Current Iin 15 − ±0.1 − ±0.00001 ±0.1 − ±1.0 mAdc 3−State Leakage Current ITL 15 − ±0.1 − ±0.00001 ±0.1 − ±3.0 mAdc Input Capacitance (Vin = 0) Cin − − − − 5.0 7.5 − − pF Quiescent Current (Per Package) IDD 5.0 10 15 − − − 5.0 10 20 − − − 0.005 0.010 0.015 5.0 10 20 – − − 150 300 600 mAdc Total Supply Current at an External Load Capacitance of 130 pF (Note 3) IT 5.0 10 IT = (2.0 mA/kHz) f + IDD IT = (4.0 mA/kHz) f + IDD IT = (6.0 mA/kHz) f + IDD mAdc 2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. 3. The formulas given are for the typical characteristics only at 25 _C. |
Số phần tương tự - MC14598BCP |
|
Mô tả tương tự - MC14598BCP |