công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14538BDW bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC14538BDW
Giải thích chi tiết về linh kiện  Dual Precision Retriggerable/Resettable Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14538BDW bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC14538BDW Datasheet HTML 1Page - ON Semiconductor MC14538BDW Datasheet HTML 2Page - ON Semiconductor MC14538BDW Datasheet HTML 3Page - ON Semiconductor MC14538BDW Datasheet HTML 4Page - ON Semiconductor MC14538BDW Datasheet HTML 5Page - ON Semiconductor MC14538BDW Datasheet HTML 6Page - ON Semiconductor MC14538BDW Datasheet HTML 7Page - ON Semiconductor MC14538BDW Datasheet HTML 8Page - ON Semiconductor MC14538BDW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC14538B
http://onsemi.com
5
Figure 1. Logic Diagram
(1/2 of DevIce Shown)
NOTE: Pins 1, 8 and 15 must
be externally grounded
+
+
VDD
VDD
P1
RX
CX
2
1
(14)
(15)
4 (12)
5(11)
3 (13)
A
B
RESET
VSS
N1
Vref1
C1
C2
ENABLE
Vref2
ENABLE
CONTROL
S
RESET LATCH
QR
QR
R
S
R
S
Q
Q
6(10)
7(9)
OUTPUT
LATCH
Figure 2. Power Dissipation Test Circuit and Waveforms
500 pF
VDD
0.1 mF
CERAMIC
RX
RX
CX
VSS
CX
VSS
Vin
CX/RX
A
B
RESET
A′
B′
RESET′
Q
Q
Q′
Q′
VSS
CL
CL
CL
CL
20 ns
20 ns
VDD
0 V
90%
10%
Vin
ID
INPUT CONNECTIONS
Characteristics
Reset
A
B
tPLH, tPHL, tTLH, tTHL,
T, tWH, tWL
VDD
PG1
VDD
tPLH, tPHL, tTLH, tTHL,
T, tWH, tWL
VDD
VSS
PG2
tPLH(R), tPHL(R),
tWH, tWL
PG3
PG1
PG2
Figure 3. Switching Test Circuit
*Includes capacitance of probes,
wiring, and fixture parasitic.
NOTE: Switching test waveforms
for PG1, PG2, PG3 are shown
In Figure 4.
VDD
RX
RX
VSS
CX
CX/RX
A
B
RESET
A′
B′
RESET′
Q
Q
Q′
Q′
CL
CX
CL
CL
CL
VSS
PULSE
GENERATOR
PULSE
GENERATOR
PULSE
GENERATOR
VSS
*CL = 50 pF
PG1 =
PG2 =
PG3 =


Số phần tương tự - MC14538BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14538BDW ONSEMI-MC14538BDW Datasheet
286Kb / 12P
   Dual Precision Retiggerable/Resettable Monostable Multivibrator
March, 2000 ??Rev. 3
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BDWR2 ONSEMI-MC14538BDWR2 Datasheet
286Kb / 12P
   Dual Precision Retiggerable/Resettable Monostable Multivibrator
March, 2000 ??Rev. 3
MC14538BDWR2G ONSEMI-MC14538BDWR2G Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
More results

Mô tả tương tự - MC14538BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com