công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14551B bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC14551B
Giải thích chi tiết về linh kiện  Quad 2?묬hannel Analog Multiplexer/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14551B bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button MC14551B Datasheet HTML 2Page - ON Semiconductor MC14551B Datasheet HTML 3Page - ON Semiconductor MC14551B Datasheet HTML 4Page - ON Semiconductor MC14551B Datasheet HTML 5Page - ON Semiconductor MC14551B Datasheet HTML 6Page - ON Semiconductor MC14551B Datasheet HTML 7Page - ON Semiconductor MC14551B Datasheet HTML 8Page - ON Semiconductor MC14551B Datasheet HTML 9Page - ON Semiconductor MC14551B Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC14551B
http://onsemi.com
8
APPLICATIONS INFORMATION
Figure A illustrates use of the on−chip level converter
detailed in Figure 2. The 0−to−5.0 V Digital Control signal is
used to directly control a 9 Vp−p analog signal.
The digital control logic levels are determined by VDD and
VSS. The VDD voltage is the logic high voltage; the VSS
voltage is logic low. For the example, VDD = + 5.0 V = logic
high at the control inputs; VSS = GND = 0 V = logic low.
The maximum analog signal level is determined by VDD
and VEE. The VDD voltage determines the maximum
recommended peak above VSS. The VEE voltage determines
the maximum swing below VSS. For the example, VDD – VSS
= 5.0 V maximum swing above VSS; VSS – VEE = 5.0 V
maximum swing below VSS. The example shows a ± 4.5 V
signal which allows a 1/2 V margin at each peak. If voltage
transients above VDD and/or below VEE are anticipated on the
analog channels, external diodes (Dx) are recommended as
shown in Figure B. These diodes should be small signal types
able to absorb the maximum anticipated current surges during
clipping.
The absolute maximum potential difference between VDD
and VEE is 18 V. Most parameters are specified up to 15 V
which is the recommended maximum difference between
VDD and VEE.
Balanced supplies are not required. However, VSS must be
greater than or equal to VEE. For example, VDD = + 10 V, VSS
= + 5.0 V, and VEE = – 3.0 V is acceptable. See the table below.
Figure A. Application Example
EXTERNAL
CMOS
DIGITAL
CIRCUITRY
9 Vp−p
ANALOG SIGNAL
0−TO−5 V DIGITAL
CONTROL SIGNAL
VDD VSS
VEE
SWITCH
I/O
COMMON
O/I
CONTROL
MC14551B
−5 V
+
5 V
9 Vp−p
ANALOG SIGNAL
+4.5 V
−4.5 V
GND
VDD
VDD
VEE
VEE
Dx
Dx
Dx
Dx
SWITCH
I/O
COMMON
O/I
Figure B. External Schottky or Germanium Clipping Diodes
+
5 V
POSSIBLE SUPPLY CONNECTIONS
VDD
In Volts
VSS
In Volts
VEE
In Volts
Control Inputs
Logic High/Logic Low
In Volts
Maximum Analog Signal Range
In Volts
+ 8
0
– 8
+ 8/0
+ 8 to – 8 = 16 Vp–p
+ 5
0
– 12
+ 5/0
+ 5 to – 12 = 17 Vp–p
+ 5
0
0
+ 5/0
+ 5 to 0 = 5 Vp–p
+ 5
0
– 5
+ 5/0
+ 5 to – 5 = 10 Vp–p
+ 10
– 5
+ 10/ + 5
+ 10 to – 5 = 15 Vp–p


Số phần tương tự - MC14551B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14551B MOTOROLA-MC14551B Datasheet
250Kb / 9P
   Quad 2-Channel Analog Multiplezer/Demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551BCP ONSEMI-MC14551BCP Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551BD ONSEMI-MC14551BD Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
More results

Mô tả tương tự - MC14551B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC74VHCT157A ONSEMI-MC74VHCT157A_05 Datasheet
101Kb / 7P
   Quad 2?묬hannel Multiplexer
December, 2005 ??Rev. 2
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com