công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14093B bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC14093B bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 9 page MC14093B http://onsemi.com 2 PIN ASSIGNMENT 11 12 13 14 8 9 10 5 4 3 2 1 7 6 OUTC OUTD IN 1D IN 2D VDD IN 1C IN 2C OUTB OUTA IN 2A IN 1A VSS IN 2B IN 1B LOGIC DIAGRAM 13 11 VDD = PIN 14 VSS = PIN 7 10 4 3 12 9 8 6 5 2 1 EQUIVALENT CIRCUIT SCHEMATIC (1/4 OF CIRCUIT SHOWN) ORDERING INFORMATION Device Package Shipping† MC14093BCP PDIP−14 25 Units / Rail MC14093BCPG PDIP−14 (Pb−Free) MC14093BD SOIC−14 55 Units / Rail MC14093BDG SOIC−14 (Pb−Free) MC14093BDR2 SOIC−14 2500 Units / Tape & Reel MC14093BDR2G SOIC−14 (Pb−Free) MC14093BDTR2 TSSOP−14* MC14093BDTR2G TSSOP−14* MC14093BFEL SOEIAJ−14 2000 Units / Tape & Reel MC14093BFELG SOEIAJ−14 (Pb−Free) †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. |
Số phần tương tự - MC14093B |
|
Mô tả tương tự - MC14093B |