công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14503BD bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC14503BD
Giải thích chi tiết về linh kiện  Hex Non?묲nverting 3?뭆tate Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14503BD bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC14503BD Datasheet HTML 1Page - ON Semiconductor MC14503BD Datasheet HTML 2Page - ON Semiconductor MC14503BD Datasheet HTML 3Page - ON Semiconductor MC14503BD Datasheet HTML 4Page - ON Semiconductor MC14503BD Datasheet HTML 5Page - ON Semiconductor MC14503BD Datasheet HTML 6Page - ON Semiconductor MC14503BD Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC14503B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 6) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
VCC
All Types
Unit
Typ
(Note 7)
Max
Output Rise Time
tTLH = (0.5 ns/pF) CL + 20 ns
tTLH = (0.3 ns/pF) CL + 8.0 ns
tTLH = (0.2 ns/pF) CL + 8.0 ns
tTLH
5.0
10
15
45
23
18
90
45
35
ns
Output Fall Time
tTHL = (0.5 ns/pF) CL + 20 ns
tTHL = (0.3 ns/pF) CL + 8.0 ns
tTHL = (0.2 ns/pF) CL + 8.0 ns
tTHL
5.0
10
15
45
23
18
90
45
35
ns
Turn−Off Delay Time, all Outputs
tPLH = (0.3 ns/pF) CL + 60 ns
tPLH = (0.15 ns/pF) CL + 27 ns
tPLH = (0.1 ns/pF) CL + 20 ns
tPLH
5.0
10
15
75
35
25
150
70
50
ns
Turn−On Delay Time, all Outputs
tPHL = (0.3 ns/pF) CL + 60 ns
tPHL = (0.15 ns/pF) CL + 27 ns
tPHL = (0.1 ns/pF) CL + 20 ns
tPHL
5.0
10
15
75
35
25
150
70
50
ns
3−State Propagation Delay Time
Output “1” to High Impedance
tPHZ
5.0
10
15
75
40
35
150
80
70
ns
Output “0” to High Impedance
tPLZ
5.0
10
15
80
40
35
160
80
70
ns
High Impedance to “1” Level
tPZH
5.0
10
15
65
25
20
130
50
40
ns
High Impedance to “0” Level
tPZL
5.0
10
15
100
35
25
200
70
50
ns
6. The formulas given are for the typical characteristics only at 25
_C.
7. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Switching Time Test Circuit and Waveforms
(tTLH, tTHL, tPHL, and tPLH)
PULSE
GENERATOR
DISABLE
INPUT
INPUT
VDD
16
VSS
CL
OUTPUT
20 ns
20 ns
VDD
VSS
VOH
VOL
tPHL
tTHL
tTLH
tPLH
90%
50%
10%
OUTPUT
INPUT
tPLH
tPHL
90%
50%
10%


Số phần tương tự - MC14503BD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14503BD ONSEMI-MC14503BD Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503BDG ONSEMI-MC14503BDG Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
MC14503BDG ONSEMI-MC14503BDG Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
MC14503BDR2 ONSEMI-MC14503BDR2 Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503BDR2G ONSEMI-MC14503BDR2G Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
More results

Mô tả tương tự - MC14503BD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NL17SZ126 ONSEMI-NL17SZ126_06 Datasheet
77Kb / 7P
   Non?묲nverting 3?뭆tate Buffer
February, 2006 ??Rev. 5
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74AC652 ONSEMI-MC74AC652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC74HCT541A ONSEMI-MC74HCT541A_06 Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
NL7SZ18 ONSEMI-NL7SZ18 Datasheet
71Kb / 7P
   1?뭥f?? Non?묲nverting Demultiplexer with 3?뭆tate Deselected Output
November, 2006 ??Rev. 6
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74HC373A ONSEMI-MC74HC373A_05 Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com