công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14067BCPG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC14067BCPG
Giải thích chi tiết về linh kiện  Analog Multiplexers / Demultiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14067BCPG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC14067BCPG Datasheet HTML 1Page - ON Semiconductor MC14067BCPG Datasheet HTML 2Page - ON Semiconductor MC14067BCPG Datasheet HTML 3Page - ON Semiconductor MC14067BCPG Datasheet HTML 4Page - ON Semiconductor MC14067BCPG Datasheet HTML 5Page - ON Semiconductor MC14067BCPG Datasheet HTML 6Page - ON Semiconductor MC14067BCPG Datasheet HTML 7Page - ON Semiconductor MC14067BCPG Datasheet HTML 8Page - ON Semiconductor MC14067BCPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. 5
1
Publication Order Number:
MC14067B/D
MC14067B
Analog Multiplexers /
Demultiplexers
The MC14067 multiplexer/demultiplexer is a digitally controlled
analog switch featuring low ON resistance and very low leakage
current. This device can be used in either digital or analog
applications.
The MC14067 is a 16−channel multiplexer/demultiplexer with an
inhibit and four binary control inputs A, B, C, and D. These control
inputs select 1−of−16 channels by turning ON the appropriate analog
switch (see MC14067 truth table.)
Features
Low OFF Leakage Current
Matched Channel Resistance
Low Quiescent Power Consumption
Low Crosstalk Between Channels
Wide Operating Voltage Range: 3 to 18 V
Low Noise
Pin for Pin Replacement for CD4067B
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to + 18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin
Input Current (DC or Transient),
per Control Pin
± 10
mA
Isw
Switch Through Current
± 25
mA
PD
Power Dissipation, per Package
(Note 1)
500
mW
TA
Ambient Temperature Range
– 55 to + 125
_C
Tstg
Storage Temperature Range
– 65 to + 150
_C
TL
Lead Temperature
(8–Second Soldering)
260
_C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Temperature Derating:
Plastic “P and D/DW” Packages: − 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
PDIP−24
P SUFFIX
CASE 709
SOIC−24
DW SUFFIX
CASE 751E
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MC14067BCP
AWLYYWW
14067B
AWLYYWW


Số phần tương tự - MC14067BCPG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14067BCP ONSEMI-MC14067BCP Datasheet
239Kb / 12P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
More results

Mô tả tương tự - MC14067BCPG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com