công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14028BF bảng dữ liệu(PDF) 3 Page - ON Semiconductor |
|
MC14028BF bảng dữ liệu(HTML) 3 Page - ON Semiconductor |
3 / 7 page MC14028B http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) Characteristic Symbol VDD Vdc − 55 _C 25 _C 125 _C Unit Min Max Min Typ (Note 2) Max Min Max Output Voltage “0” Level Vin = VDD or 0 “1” Level Vin = 0 or VDD VOL 5.0 10 15 − − − 0.05 0.05 0.05 − − − 0 0 0 0.05 0.05 0.05 − − − 0.05 0.05 0.05 Vdc VOH 5.0 10 15 4.95 9.95 14.95 − − − 4.95 9.95 14.95 5.0 10 15 − − − 4.95 9.95 14.95 − − − Vdc Input Voltage “0” Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) “1” Level (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) VIL 5.0 10 15 − − − 1.5 3.0 4.0 − − − 2.25 4.50 6.75 1.5 3.0 4.0 − − − 1.5 3.0 4.0 Vdc VIH 5.0 10 15 3.5 7.0 11 − − − 3.5 7.0 11 2.75 5.50 8.25 − − − 3.5 7.0 11 − − − Vdc Output Drive Current (VOH = 2.5 Vdc) Source (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) Sink (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) IOH 5.0 5.0 10 15 – 3.0 – 0.64 – 1.6 – 4.2 − − − − – 2.4 – 0.51 – 1.3 – 3.4 – 4.2 – 0.88 – 2.25 – 8.8 − − − – 1.7 – 0.36 – 0.9 – 2.4 − − − − mAdc IOL 5.0 10 15 0.64 1.6 4.2 − − − 0.51 1.3 3.4 0.88 2.25 8.8 − − − 0.36 0.9 2.4 − − − mAdc Input Current Iin 15 − ± 0.1 − ±0.00001 ± 0.1 − ± 1.0 mAdc Input Capacitance (Vin = 0) Cin − − − − 5.0 7.5 − − pF Quiescent Current (Per Package) IDD 5.0 10 15 − − − 5.0 10 20 − − − 0.005 0.010 0.015 5.0 10 20 − − − 150 300 600 mAdc Total Supply Current (Note 3, 4) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) IT 5.0 10 15 IT = (0.3 mA/kHz) f + IDD IT = (0.6 mA/kHz) f + IDD IT = (0.9 mA/kHz) f + IDD mAdc 2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. 3. The formulas given are for the typical characteristics only at 25 _C. 4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL – 50) Vfk where: IT is in mA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001. SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C) Characteristic Symbol VDD Min Typ (Note 6) Max Unit Output Rise and Fall Time tTLH, tTHL = (1.5 ns/pF) CL + 25 ns tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns tTLH, tTHL 5.0 10 15 − − − 100 50 40 200 100 80 ns Propagation Delay Time tPLH, tPHL = (1.7 ns/pF) CL + 215 ns tPLH, tPHL = (0.66 ns/pF) CL + 97 ns tPLH, tPHL = (0.5 ns/pF) CL + 65 ns tPLH, tPHL 5.0 10 15 − − − 300 130 90 600 260 180 ns 5. The formulas given are for the typical characteristics only at 25 _C. 6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. |
Số phần tương tự - MC14028BF |
|
Mô tả tương tự - MC14028BF |