công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14018B bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC14018B bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 8 page MC14018B http://onsemi.com 2 PIN ASSIGNMENT FUNCTIONAL TRUTH TABLE Preset Jam Clock Reset Enable Input Qn 00 X Qn 00 X Dn* X0 1 0 1 X0 1 1 0 X1 X X 1 *Dn is the Data input for that stage. Stage 1 has Data brought out to Pin 1. 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 JAM 5 Q5 C R VDD JAM 4 PE Q4 Q2 JAM 2 JAM 1 Din VSS JAM 3 Q3 Q1 ORDERING INFORMATION Device Package Shipping† MC14018BCP PDIP−16 500 Units / Rail MC14018BCPG PDIP−16 (Pb−Free) 500 Units / Rail MC14018BD SOIC−16 48 Units / Rail MC14018BDG SOIC−16 (Pb−Free) 48 Units / Rail MC14018BDR2 SOIC−16 2500 Units / Tape & Reel MC14018BDR2G SOIC−16 (Pb−Free) 2500 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Số phần tương tự - MC14018B |
|
Mô tả tương tự - MC14018B |