công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14012B bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
MC14012B bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
5 / 9 page MC14012B http://onsemi.com 5 TYPICAL B−SERIES GATE CHARACTERISTICS N−CHANNEL DRAIN CURRENT (SINK) P−CHANNEL DRAIN CURRENT (SOURCE) −40°C +85°C +125°C Figure 5. VGS = 5.0 Vdc Figure 6. VGS = − 5.0 Vdc 1.0 3.0 5.0 4.0 2.0 0 1.0 3.0 5.0 4.0 2.0 0 VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc) −1.0 0 0 TA = −55°C Figure 7. VGS = 10 Vdc Figure 8. VGS = − 10 Vdc 16 14 12 10 8.0 6.0 4.0 2.0 0 5.0 3.0 1.0 10 8.0 6.0 4.0 2.0 0 0 0 Figure 9. VGS = 15 Vdc Figure 10. VGS = − 15 Vdc 0 0 0 0 −40°C +25°C +85°C +125°C −1.0 −3.0 −5.0 −4.0 −2.0 VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc) TA = −55°C +25°C TA = −55°C −40°C +25°C +85°C +125°C VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc) VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc) VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc) VDS, DRAIN−TO−SOURCE VOLTAGE (Vdc) TA = −55°C −40°C + 25°C +85°C +125°C 18 20 9.0 7.0 −5.0 −3.0 −1.0 −10 −8.0 −6.0 −4.0 −2.0 −9.0 −7.0 −40 −35 −30 −25 −20 −15 −10 −5.0 −45 −50 10 6.0 2.0 20 16 12 8.0 4.0 18 14 TA = −55°C −40°C +25°C +85°C −10 −6.0 −2.0 −20 −16 −12 −8.0 −4.0 −18 −14 − 80 − 70 − 60 − 50 − 40 − 30 − 20 − 10 − 90 − 100 40 35 30 25 20 15 10 5.0 45 50 TA = −55°C −40°C +25°C +85°C −2.0 −3.0 −4.0 −5.0 −6.0 −7.0 −8.0 −9.0 −10 +125°C +125°C These typical curves are not guarantees, but are design aids. Caution: The maximum rating for output current is 10 mA per pin. |
Số phần tương tự - MC14012B_06 |
|
Mô tả tương tự - MC14012B_06 |