công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC10176FN bảng dữ liệu(PDF) 3 Page - ON Semiconductor |
|
MC10176FN bảng dữ liệu(HTML) 3 Page - ON Semiconductor |
3 / 8 page MC10176 http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (continued) TEST VOLTAGE VALUES (Volts) @ Test Temperature VIHmax VILmin VIHAmin VILAmax VEE –30 °C –0.890 –1.890 –1.205 –1.500 –5.2 +25 °C –0.810 –1.850 –1.105 –1.475 –5.2 +85 °C –0.700 –1.825 –1.035 –1.440 –5.2 Pin Under TEST VOLTAGE APPLIED TO PINS LISTED BELOW (V ) Characteristic Symbol Under Test VIHmax VILmin VIHAmin VILAmax VEE (VCC) Gnd Power Supply Drain Current IE 8 8 1, 16 Input Current IinH 5 9 5 9 8 8 1, 16 1, 16 IinL 5 9 5 9 8 8 1, 16 1, 16 Output Voltage Logic 1 VOH 2 [ 15 [ 5 12 8 8 1, 16 1, 16 Output Voltage Logic 0 VOL 2 [ 15 [ 5 12 8 8 1, 16 1, 16 Threshold Voltage Logic 1 VOHA 2 [ 15 [ 5 12 8 8 1, 16 1, 16 Threshold Voltage Logic 0 VOLA 2 [ 15 [ 5 12 8 8 1, 16 1, 16 Switching Times (50 Ω Load) +1.11Vdc +0.31V Pulse In Pulse Out –3.2 V +2.0 V Clock Input Propagation Delay t9+2+ t9+2– 2 2 5, 9 5, 9 2 2 8 8 1, 16 1, 16 Rise Time (20 to 80%) t2+ 2 5, 9 2 8 1, 16 Fall Time (20 to 80%) t2– 2 5, 9 2 8 1, 16 Setup Time tsetup 2 5, 9 2 8 1, 16 Hold Time thold 2 5, 9 2 8 1, 16 Toggle Frequency (Max) ftog 2 8 1, 16 [ Output level to be measured after a clock pulse has been applied to the C Input (Pin 9) VIHmax VILmin Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the same manner. |
Số phần tương tự - MC10176FN |
|
Mô tả tương tự - MC10176FN |