công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3423 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC3423
Giải thích chi tiết về linh kiện  Overvoltage Crowbar Sensing Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3423 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC3423_05 Datasheet HTML 1Page - ON Semiconductor MC3423_05 Datasheet HTML 2Page - ON Semiconductor MC3423_05 Datasheet HTML 3Page - ON Semiconductor MC3423_05 Datasheet HTML 4Page - ON Semiconductor MC3423_05 Datasheet HTML 5Page - ON Semiconductor MC3423_05 Datasheet HTML 6Page - ON Semiconductor MC3423_05 Datasheet HTML 7Page - ON Semiconductor MC3423_05 Datasheet HTML 8Page - ON Semiconductor MC3423_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC3423
http://onsemi.com
5
Power
Supply
#1
R1
Power
Supply
#2
+
+
10k
Q1
1.0k
5
7
1
7
6
1
Figure 8. Circuit Configuration for
Activating One MC3423 from Another
Note that both supplies have their negative output
leads tied together (i.e., both are positive supplies). If
their positive leads are common (two negative supplies)
the emitter of Q1 would be moved to the positive lead of
supply 1 and R1 would therefore have to be resized to
deliver the appropriate drive to Q1.
Crowbar SCR Considerations
Referring to Figure 11, it can be seen that the crowbar
SCR, when activated, is subject to a large current surge
from the output capacitance, Cout. This capacitance
consists of the power supply output caps, the load’s
decoupling caps, and in the case of Figure 11A, the supply’s
input filter caps. This surge current is illustrated in Figure
12, and can cause SCR failure or degradation by any one
of three mechanisms: di/dt, absolute peak surge, or I2t. The
interrelationship of these failure methods and the breadth
of the applications make specification of the SCR by the
semiconductor manufacturer difficult and expensive.
Therefore, the designer must empirically determine the
SCR and circuit elements which result in reliable and
effective OVP operation. However, an understanding of the
factors which influence the SCR’s di/dt and surge
capabilities simplifies this task.
di/dt
As the gate region of the SCR is driven on, its area of
conduction takes a finite amount of time to grow, starting
as a very small region and gradually spreading. Since the
anode current flows through this turned−on gate region,
very high current densities can occur in the gate region if
high anode currents appear quickly (di/dt). This can result
in immediate destruction of the SCR or gradual
degradation of its forward blocking voltage capabilities −
depending on the severity of the occasion.
VT, TRIP VOLTAGE (V)
0
5.0
10
15
20
25
30
Min
30
20
10
0
Typ
R2 = 2.7 k
Max
Figure 9. R1 versus Trip Voltage
35
30
25
20
15
10
0
1020
30
4050
60
70
80
RG, GATE CURRENT LIMITING RESISTOR (
W)
RG(min) = 0
if VCC < 11 V
Figure 10. Minimum RG versus Supply Voltage
td, DELAY TIME (ms)
12 3 5 7 1
1
5
2
1
0.0001
0.001
0.01
0.1
1.0
0.001
0.01
0.1
1.0
10
Figure 11. Capacitance versus
Minimum Overvoltage Duration


Số phần tương tự - MC3423_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC3423D ONSEMI-MC3423D Datasheet
130Kb / 8P
   OVERVOLTAGE SENSING CIRCUIT
REV 1
logo
Motorola, Inc
MC3423D MOTOROLA-MC3423D Datasheet
423Kb / 6P
   OVERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC3423P1 ONSEMI-MC3423P1 Datasheet
130Kb / 8P
   OVERVOLTAGE SENSING CIRCUIT
REV 1
logo
Motorola, Inc
MC3423P1 MOTOROLA-MC3423P1 Datasheet
423Kb / 6P
   OVERVOLTAGE SENSING CIRCUIT
MC3423U MOTOROLA-MC3423U Datasheet
423Kb / 6P
   OVERVOLTAGE SENSING CIRCUIT
More results

Mô tả tương tự - MC3423_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
UPC3423 NEC-UPC3423 Datasheet
666Kb / 6P
   OVERVOLTAGE CROWBAR SENSING CIRCUIT
logo
ON Semiconductor
MC3423 ONSEMI-MC3423 Datasheet
130Kb / 8P
   OVERVOLTAGE SENSING CIRCUIT
REV 1
logo
Motorola, Inc
MC3523 MOTOROLA-MC3523 Datasheet
423Kb / 6P
   OVERVOLTAGE SENSING CIRCUIT
MC34062 MOTOROLA-MC34062 Datasheet
829Kb / 11P
   PIN-PROGRAMMABLE OVERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com