công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10136L bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10136L
Giải thích chi tiết về linh kiện  Universal Hexadecimal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10136L bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10136L Datasheet HTML 1Page - ON Semiconductor MC10136L Datasheet HTML 2Page - ON Semiconductor MC10136L Datasheet HTML 3Page - ON Semiconductor MC10136L Datasheet HTML 4Page - ON Semiconductor MC10136L Datasheet HTML 5Page - ON Semiconductor MC10136L Datasheet HTML 6Page - ON Semiconductor MC10136L Datasheet HTML 7Page - ON Semiconductor MC10136L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 7
1
Publication Order Number:
MC10136/D
MC10136
Universal Hexadecimal
Counter
The MC10136 is a high speed synchronous counter that can count
up, count down, preset, or stop count at frequencies exceeding 100
MHz. The flexibility of this device allows the designer to use one basic
counter for most applications, and the synchronous count feature
makes the MC10136 suitable for either computers or instrumentation.
Three control lines (S1, S2, and Carry In) determine the operation
mode of the counter. Lines S1 and S2 determine one of four
operations; preset (program), increment (count up), decrement (count
down), or hold (stop count). Note that in the preset mode a clock pulse
is necessary to load the counter, and the information present on the
data inputs (D0, D1, D2, and D3) will be entered into the counter.
Carry Out goes low on the terminal count, or when the counter is being
preset.
This device is not designed for use with gated clocks. Control is via
S1 and S2.
P
D = 625 mW typ/pkg (No Load)
f
count = 150 MHz typ
t
pd = 3.3 ns typ (C-Q)
7.0 ns typ (C-C
out)
5.0 ns typ (C
in-Cout)
DIP PIN ASSIGNMENT
VCC1
Q2
Q3
Cout
D3
D2
S2
VEE
VCC2
Q1
Q0
CLOCK
D0
D1
Cin
S1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
FUNCTION TABLE
Cin
S1
S2
Operating Mode
X
L
L
Preset (Program)
L
L
H
Increment (Count Up)
H
L
H
Hold Count
L
H
L
Decrement (Count Down)
H
H
L
Hold Count
X
H
H
Hold (Stop Count)
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10136L
CDIP–16
25 Units / Rail
MC10136P
PDIP–16
25 Units / Rail
MC10136FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10136L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10136
AWLYYWW
1
1
16
MC10136P
AWLYYWW


Số phần tương tự - MC10136L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10136 ONSEMI-MC10136 Datasheet
150Kb / 8P
   Universal Hexadecimal Counter
1996 REV 5
More results

Mô tả tương tự - MC10136L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136 Datasheet
116Kb / 4P
   Universal Hexadecimal Counter
REV 6
MC10136 ONSEMI-MC10136 Datasheet
150Kb / 8P
   Universal Hexadecimal Counter
1996 REV 5
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com