công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC10138 bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
MC10138 bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC10138 http://onsemi.com 4 ELECTRICAL CHARACTERISTICS (continued) NOTE: Each MECL 10,000 series circuit has been designed to meet the dc specifications TEST VOLTAGE VALUES (Volts) been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit @ Test Temperature VIHmax VILmin VIHAmin VILAmax VEE equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained Outputs are –30 °C –0.890 –1.890 –1.205 –1.500 –5.2 g than 500 linear fpm is maintained. Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one +25 °C –0.810 –1.850 –1.105 –1.475 –5.2 volts. Test procedures are shown for only one gate. The other gates are tested in the same manner. +85 °C –0.700 –1.825 –1.035 –1.440 –5.2 Pin TEST VOLTAGE APPLIED TO PINS LISTED BELOW Characteristic Symbol Pin Under Test VIHmax VILmin VIHAmin VILAmax VEE (VCC) Gnd Power Supply Drain Current IE 8 9 8 1, 16 Input Current IinH 12 5,6,10,11 7 9 12 5,6,10,11 7 9 8 8 8 8 1, 16 1, 16 1, 16 1, 16 IinL All Note 1. 8 1, 16 Output Voltage Logic 1 VOH 3,14 (3.) 2,4,13,15 (2.) 9 5,6,10,11 8 8 1, 16 1, 16 Output Voltage Logic 0 VOL 3,14 (2.) 2,4,13,15 (3.) 5,6,10,11 9 8 8 1, 16 1, 16 Threshold Voltage Logic 1 VOHA 2,4,13,15 (2.) 3,14 (3.) 13,15 (2.) 5,6,10,11 9 7,12 8 8 8 1, 16 1, 16 1, 16 Threshold Voltage Logic 0 VOLA 2,4,13,15 (3.) 3,14 (2.) 13,15 (3.) 5,6,10,11 9 7,12 8 8 8 1, 16 1, 16 1, 16 Switching Times (50 Ω Load) Pulse In Pulse Out –3.2 V +2.0 V Propagation Delay Clock Delays t12+15+ t12+14+ t7+13+ t7+4+ t7+2+ t7+3+ 15 14 13 4 2 3 12 12 7 7 7 7 15 14 13 4 2 3 8 8 8 8 8 8 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 t12+15– t12+14– t7+13– t7+4– t7+2– t7+3– 15 14 13 4 2 3 12 12 7 7 7 7 15 14 13 4 2 3 8 8 8 8 8 8 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 Set Delay t11+15+ t11+14– 15 14 11 11 15 14 8 8 1, 16 1, 16 Reset Delay t9+14+ t9+15– 14 15 9 9 14 15 8 8 1, 16 1, 16 Rise Time (20 to 80%) t14+ t15+ 14 15 11 11 14 15 8 8 1, 16 1, 16 Fall Time (20 to 80%) t14– t15– 14 15 9 9 14 15 8 8 1, 16 1, 16 Counting Frequency fcount 2 15 7 12 2 15 8 8 1, 16 1, 16 1. Individually test each input; apply VILmin to pin under test. 2. Set all four flip–flops by applying pulse VIHmax VILmin to pins 5, 6, 10, and 11 prior to applying test voltage indicated. 3. Reset all four flip–flops by applying pulse VIHmax VILmin to pin 9 prior to applying test voltage indicated. |
Số phần tương tự - MC10138_02 |
|
Mô tả tương tự - MC10138_02 |