công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD104SL7 bảng dữ liệu(PDF) 7 Page - AZ Displays

tên linh kiện PD104SL7
Giải thích chi tiết về linh kiện  TECHNICAL SPECIFICATION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AZDISPLAYS [AZ Displays]
Trang chủ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SL7 bảng dữ liệu(HTML) 7 Page - AZ Displays

Back Button PD104SL7 Datasheet HTML 3Page - AZ Displays PD104SL7 Datasheet HTML 4Page - AZ Displays PD104SL7 Datasheet HTML 5Page - AZ Displays PD104SL7 Datasheet HTML 6Page - AZ Displays PD104SL7 Datasheet HTML 7Page - AZ Displays PD104SL7 Datasheet HTML 8Page - AZ Displays PD104SL7 Datasheet HTML 9Page - AZ Displays PD104SL7 Datasheet HTML 10Page - AZ Displays PD104SL7 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
PD104SL7
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:7
6. Absolute Maximum Ratings:
GND=0V, Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Supply Voltage
VDD
-0.3
+4.0
V
Input Signals Voltage
VIN
-0.3
VDD+0.3
V
Note 6-1
Backlight Driving Voltage
VL
-
2000
V
Backlight Driving Frequency
FL
0
100
KHz
Note 6-1: LVDS signal
.
7. Electrical Characteristics
7-1) Recommended Operating Conditions:
GND = 0V,Ta = 25℃
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply Voltage
VDD
3.0
3.3
3.6
V
Current Dissipation
IDD
-
350
450
mA
Note 7-1
LVDS Differential input high threshold
VTH
-
-
100
mV
Note 7-2
LVDS Differential input low threshold
VTL
-100
-
-
Lamp Current
IFL
3.0
5.0
7.0
mA
5mA : 230 cd/m2
Note 7-3
Note 7-6
Lamp Voltage
VL
477
530
583
Vrms
IFL=5mA
Note 7-3
Starting Voltage (25℃)
(Reference Value)
Vs
-
-
1110
Vrms
Starting Voltage (0℃)
(Reference Value)
Vs
-
-
1450
Vrms
Note 7-4
Lamp Driving Frequency
FL
45
60
80
KHz
Total power consumption (at IFL=5mA)
--
3.6
-
W
Note 7-5
Note 7-1 : To test the current dissipation of VDD, using the “color bars” testing pattern shown
as below
1
2345678
1.
White
2.
Yellow
3.
Cyan
4.
Green
5.
Magenta
6.
Red
7.
Blue
8.
Black
Idd current dissipation testing pattern
Note 7-2 :Please refers to THC63LVDF64A specification by Thine Corporation.
This LCD
module conforms to LVDS standard.
Note 7-3 : The back-light driving waveform should be as closed to sine-wave as possible.
In order to satisfy the quality of B/L , no matter use what kind of inverter , the
output lamp
current must between Min. and Max. to avoid the abnormal display
image caused by B/L.


Số phần tương tự - PD104SL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AZ Displays
PD104SL3 AZDISPLAYS-PD104SL3 Datasheet
510Kb / 21P
   Color TFT LCD module
PD104SL5 AZDISPLAYS-PD104SL5 Datasheet
544Kb / 22P
   Color TFT LCD module
PD104SLF AZDISPLAYS-PD104SLF Datasheet
879Kb / 25P
   color TFT LCD module
PD104SLG AZDISPLAYS-PD104SLG Datasheet
680Kb / 22P
   color TFT LCD module
More results

Mô tả tương tự - PD104SL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com