công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVEL11DTR2 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC100LVEL11DTR2
Giải thích chi tiết về linh kiện  3.3V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL11DTR2 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC100LVEL11DTR2 Datasheet HTML 1Page - ON Semiconductor MC100LVEL11DTR2 Datasheet HTML 2Page - ON Semiconductor MC100LVEL11DTR2 Datasheet HTML 3Page - ON Semiconductor MC100LVEL11DTR2 Datasheet HTML 4Page - ON Semiconductor MC100LVEL11DTR2 Datasheet HTML 5Page - ON Semiconductor MC100LVEL11DTR2 Datasheet HTML 6Page - ON Semiconductor MC100LVEL11DTR2 Datasheet HTML 7Page - ON Semiconductor MC100LVEL11DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100LVEL11
http://onsemi.com
3
Table 4. LVPECL DC CHARACTERISTICS VCC = 3.3 V; VEE = 0.0 V (Note 2)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
24
28
24
28
25
30
mA
VOH
Output HIGH Voltage (Note 3)
2215
2295
2420
2275
2345
2420
2275
2345
2420
mV
VOL
Output LOW Voltage (Note 3)
1470
1605
1745
1490
1595
1680
1490
1595
1680
mV
VIH
Input HIGH Voltage (Single−Ended)
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1490
1825
1490
1825
1490
1825
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 7)
Vpp < 500 mV
Vpp y 500 mV
1.2
1.4
3.1
3.1
1.1
1.3
3.1
3.1
1.1
1.3
3.1
3.1
V
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−600
0.5
−600
0.5
−600
mA
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V.
3. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
4. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1.0 V.
Table 5. LVNECL DC CHARACTERISTICS VCC = 0.0 V; VEE = −3.3 V (Note 5)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
24
28
24
28
25
30
mA
VOH
Output HIGH Voltage (Note 6)
−108
5
−100
5
−880
−102
5
−955
−880
−102
5
−955
−880
mV
VOL
Output LOW Voltage (Note 6)
−183
0
−169
5
−155
5
−181
0
−170
5
−162
0
−181
0
−170
5
−162
0
mV
VIH
Input HIGH Voltage (Single−Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−181
0
−147
5
−181
0
−147
5
−181
0
−147
5
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 7)
Vpp < 500 mV
Vpp y 500 mV
−2.1
−1.9
−0.2
−0.2
−2.2
−2.0
−0.2
−0.2
−2.2
−2.0
−0.2
−0.2
V
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−600
0.5
−600
0.5
−600
mA
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V.
6. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
7. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1.0 V.


Số phần tương tự - MC100LVEL11DTR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL11DTR2G ONSEMI-MC100LVEL11DTR2G Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
More results

Mô tả tương tự - MC100LVEL11DTR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com