công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC79L05ACPRP bảng dữ liệu(PDF) 8 Page - ON Semiconductor |
|
MC79L05ACPRP bảng dữ liệu(HTML) 8 Page - ON Semiconductor |
8 / 11 page MC79L00, MC79L00A Series http://onsemi.com 8 ORDERING INFORMATION Device Nominal Voltage Operating Temperature Range Package Shipping† MC79L12ACD −12 V TJ = 0 ° to +125°C SOIC−8 98 Units / Rail MC79L12ACDG SOIC−8 (Pb−Free) 98 Units / Rail MC79L12ACDR2 SOIC−8 2500 / Tape & Reel MC79L12ACDR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel MC79L12ACP TO−92 2000 Units / Bag MC79L12ACPG TO−92 (Pb−Free) 2000 Units / Bag MC79L12ACPRA TO−92 2000 / Tape & Reel MC79L12ACPRAG TO−92 (Pb−Free) 2000 / Tape & Reel MC79L12ACPRP TO−92 2000 / Tape & Ammo Box MC79L12ACPRPG TO−92 (Pb−Free) 2000 / Tape & Ammo Box MC79L15ABD −15 V TJ = −40 ° to +125°C SOIC−8 98 Units / Rail MC79L15ABDG SOIC−8 (Pb−Free) 98 Units / Rail MC79L15ABDR2 SOIC−8 2500 / Tape & Reel MC79L15ABDR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel MC79L15ABP TO−92 2000 Units / Bag MC79L15ABPG TO−92 (Pb−Free) 2000 Units / Bag MC79L15ABPRP TO−92 2000 / Tape & Ammo Box MC79L15ABPRPG TO−92 (Pb−Free) 2000 / Tape & Ammo Box MC79L15ACD TJ = 0 ° to +125°C SOIC−8 98 Units / Rail MC79L15ACDG SOIC−8 (Pb−Free) 98 Units / Rail MC79L15ACDR2 SOIC−8 2500 / Tape & Reel MC79L15ACDR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel MC79L15ACP TO−92 2000 Units / Bag MC79L15ACPG TO−92 (Pb−Free) 2000 Units / Bag MC79L15ACPRA TO−92 2000 / Tape & Reel MC79L15ACPRAG TO−92 (Pb−Free) 2000 / Tape & Reel MC79L15ACPRE TO−92 2000 / Tape & Reel MC79L15ACPREG TO−92 (Pb−Free) 2000 / Tape & Reel MC79L15ACPRP TO−92 2000 / Tape & Ammo Box MC79L15ACPRPG TO−92 (Pb−Free) 2000 / Tape & Ammo Box †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Số phần tương tự - MC79L05ACPRP |
|
Mô tả tương tự - MC79L05ACPRP |