công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC100EP16VS bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC100EP16VS bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 12 page MC100EP16VS http://onsemi.com 2 1 2 3 45 6 7 8 Q VEE VCC Figure 1. 8−Lead Pinout (Top View) and Logic Diagram D Q D VBB VCTRL D*, D** ECL Data Inputs Q, Q ECL Data Outputs VCTRL* Output Swing Control VBB Reference Voltage Output VCC Positive Supply VEE Negative Supply NC No Connect Table 1. PIN DESCRIPTION * Pins will default LOW when left open. ** Pins will default to VCC/2 when left open. PIN FUNCTION 2, 3 6, 7 1 4 8 5 Exposed pad must be connected to a sufficient thermal conduit. Electrically connect to the most negative supply or leave floating open. EP Table 2. ATTRIBUTES Characteristics Value Internal Input Pulldown Resistor 75 kW Internal Input Pullup Resistor 37.5 kW ESD Protection Human Body Model Machine Model Charged Device Model > 4 kV > 200 V > 2 kV Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) Pb Pkg Pb−Free Pkg SOIC−8 TSSOP−8 DFN8 Level 1 Level 1 Level 1 Level 1 Level 3 Level 1 Flammability Rating Oxygen Index: 28 to 34 UL 94 V−0 @ 0.125 in Transistor Count 140 Devices Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. |
Số phần tương tự - MC100EP16VS |
|
Mô tả tương tự - MC100EP16VS |