công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74VHC14 bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC74VHC14 bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 7 page MC74VHC14 http://onsemi.com 2 Y1 A1 A2 A3 A4 A5 A6 Y2 Y3 Y4 Y5 Y6 1 3 5 9 11 13 2 4 6 8 10 12 Y = A Figure 2. Logic Diagram This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high−impedance cir- cuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. MAXIMUM RATINGS Symbol Parameter Value Unit VCC Positive DC Supply Voltage −0.5 to +7.0 V VIN Digital Input Voltage −0.5 to +7.0 V VOUT DC Output Voltage −0.5 to VCC +0.5 V IIK Input Diode Current −20 mA IOK Output Diode Current $20 mA IOUT DC Output Current, per Pin $25 mA ICC DC Supply Current, VCC and GND Pins $75 mA PD Power Dissipation in Still Air SOIC TSSOP 200 180 mW TSTG Storage Temperature Range −65 to +150 °C VESD ESD Withstand Voltage Human Body Model (Note 1) Machine Model (Note 2) Charged Device Model (Note 3) >2000 >200 N/A V ILATCHUP Latchup Performance Above VCC and Below GND at 125°C (Note 4) $300 mA qJA Thermal Resistance, Junction−to−Ambient SOIC TSSOP 143 164 °C/W Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Tested to EIA/JESD22−A114−A. 2. Tested to EIA/JESD22−A115−A. 3. Tested to JESD22−C101−A. 4. Tested to EIA/JESD78. RECOMMENDED OPERATING CONDITIONS Symbol Characteristics Min Max Unit VCC DC Supply Voltage 2.0 5.5 V VIN DC Input Voltage 0 5.5 V VOUT DC Output Voltage 0 VCC V TA Operating Temperature Range, All Package Types −55 125 °C tr, tf Input Rise or Fall Time VCC = 3.3 V + 0.3 V VCC = 5.0 V + 0.5 V − − No limit No limit ns/V |
Số phần tương tự - MC74VHC14 |
|
Mô tả tương tự - MC74VHC14 |