công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74VHC14 bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
MC74VHC14 bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
1 / 7 page © Semiconductor Components Industries, LLC, 2006 February, 2006 − Rev. 9 1 Publication Order Number: MC74VHC14/D MC74VHC14 Hex Schmitt Inverter The MC74VHC14 is an advanced high speed CMOS Schmitt inverter fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. Pin configuration and function are the same as the MC74VHC04 but the inputs have hysteresis and, with its Schmitt trigger function, the VHC14 can be used as a line receiver which will receive slow input signals. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems. Features • High Speed: tPD = 5.5 ns (Typ) at VCC = 5.0 V • Low Power Dissipation: ICC = 2.0 mA (Max) at TA = 25°C • High Noise Immunity: VNIH = VNIL = 28% VCC • Power Down Protection Provided on Inputs • Balanced Propagation Delays • Designed for 2.0 V to 5.5 V Operating Range • Low Noise: VOLP = 0.8 V (Max) • Pin and Function Compatible with Other Standard Logic Families • Latchup Performance Exceeds 300 mA • ESD Performance: Human Body Model > 2000 V; Machine Model > 200 V • Chip Complexity: 60 FETs or 15 Equivalent Gates • Pb−Free Packages are Available Figure 1. 14−Lead Pinout (Top View) 13 14 12 11 10 9 8 2 1 34567 VCC A6 Y6 A5 Y5 A4 Y4 A1 Y1 A2 Y2 A3 Y3 GND *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. ORDERING INFORMATION http://onsemi.com L H FUNCTION TABLE Inputs Outputs A H L Y SOIC−14 D SUFFIX CASE 751A TSSOP DT SUFFIX CASE 948G (Note: Microdot may be in either location) MARKING DIAGRAMS 1 14 VHC 14 ALYW G G 1 14 VHC14G AWLYWW A = Assembly Location WL, L = Wafer Lot Y = Year WW, W = Work Week G or G = Pb−Free Package |
Số phần tương tự - MC74VHC14 |
|
Mô tả tương tự - MC74VHC14 |