công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74VHC1G04 bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC74VHC1G04 bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 6 page MC74VHC1G04 http://onsemi.com 2 MAXIMUM RATINGS Symbol Parameter Value Unit VCC DC Supply Voltage *0.5 to )7.0 V VIN DC Input Voltage −0.5 to +7.0 V VOUT DC Output Voltage *0.5 to VCC )0.5 V IIK DC Input Diode Current −20 mA IOK DC Output Diode Current $20 mA IOUT DC Output Sink Current $12.5 mA ICC DC Supply Current per Supply Pin $25 mA TSTG Storage Temperature Range *65 to )150 °C TL Lead Temperature, 1 mm from Case for 10 Seconds 260 °C TJ Junction Temperature Under Bias )150 °C qJA Thermal Resistance SC70−5/SC−88A (Note 1) TSOP−5 350 230 °C/W PD Power Dissipation in Still Air at 85 °C SC70−5/SC−88A TSOP−5 150 200 mW MSL Moisture Sensitivity Level 1 FR Flammability Rating Oxygen Index: 28 to 34 UL 94 V−0 @ 0.125 in VESD ESD Withstand Voltage Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) u2000 u200 N/A V ILatchup Latchup Performance Above VCC and Below GND at 125°C (Note 5) $500 mA Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow. 2. Tested to EIA/JESD22−A114−A. 3. Tested to EIA/JESD22−A115−A. 4. Tested to JESD22−C101−A. 5. Tested to EIA/JESD78. RECOMMENDED OPERATING CONDITIONS Symbol Characteristics Min Max Unit VCC DC Supply Voltage 2.0 5.5 V VIN DC Input Voltage 0.0 5.5 V VOUT DC Output Voltage 0.0 VCC V TA Operating Temperature Range −55 +125 °C tr , tf Input Rise and Fall Time VCC = 3.3 V ± 0.3 V VCC = 5.0 V ± 0.5 V 0 0 100 20 ns/V DEVICE JUNCTION TEMPERATURE VERSUS TIME TO 0.1% BOND FAILURES Junction Temperature °C Time, Hours Time, Years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 1 1 10 100 1000 FAILURE RATE OF PLASTIC = CERAMIC UNTIL INTERMETALLICS OCCUR Figure 3. Failure Rate vs. Time Junction Temperature TIME, YEARS |
Số phần tương tự - MC74VHC1G04 |
|
Mô tả tương tự - MC74VHC1G04 |