công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK9518-30 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện BUK9518-30
Giải thích chi tiết về linh kiện  TrenchMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9518-30 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  BUK9518-30 Datasheet HTML 1Page - NXP Semiconductors BUK9518-30 Datasheet HTML 2Page - NXP Semiconductors BUK9518-30 Datasheet HTML 3Page - NXP Semiconductors BUK9518-30 Datasheet HTML 4Page - NXP Semiconductors BUK9518-30 Datasheet HTML 5Page - NXP Semiconductors BUK9518-30 Datasheet HTML 6Page - NXP Semiconductors BUK9518-30 Datasheet HTML 7Page - NXP Semiconductors BUK9518-30 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK9518-30
Logic level FET
STATIC CHARACTERISTICS
T
j= 25˚C
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA;
30
-
-
V
voltage
T
j = -55˚C
27
-
-
V
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
1
1.5
2
V
T
j = 175˚C
0.5
-
-
V
T
j = -55˚C
-
-
2.3
I
DSS
Zero gate voltage drain current
V
DS = 30 V; VGS = 0 V;
-
0.05
10
µA
T
j = 175˚C
-
-
500
µA
I
GSS
Gate source leakage current
V
GS = ±5 V; VDS = 0 V
-
0.02
1
µA
T
j = 175˚C
-
10
µA
±V
(BR)GSS
Gate-source breakdown
I
G = ±1 mA;
10
-
-
V
voltage
R
DS(ON)
Drain-source on-state
V
GS = 5 V; ID = 25 A
-
15
18
m
resistance
T
j = 175˚C
-
-
34
m
DYNAMIC CHARACTERISTICS
T
mb = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fs
Forward transconductance
V
DS = 25 V; ID = 25 A
10
20
-
S
Q
g(tot)
Total gate charge
I
D = 55 A; VDD = 24 V; VGS = 5 V
-
31
-
nC
Q
gs
Gate-source charge
-
4
-
nC
Q
gd
Gate-drain (Miller) charge
-
13
-
nC
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
1450
-
pF
C
oss
Output capacitance
-
390
-
pF
C
rss
Feedback capacitance
-
200
-
pF
t
d on
Turn-on delay time
V
DD = 15 V; ID = 25 A;
-
30
45
ns
t
r
Turn-on rise time
V
GS = 5 V; RG = 5 Ω
-
80
130
ns
t
d off
Turn-off delay time
Resistive load
-
95
135
ns
t
f
Turn-off fall time
-
40
55
ns
L
d
Internal drain inductance
Measured from contact screw on
-
3.5
-
nH
tab to centre of die
L
d
Internal drain inductance
Measured from drain lead 6 mm
-
4.5
-
nH
from package to centre of die
L
s
Internal source inductance
Measured from source lead 6 mm
-
7.5
-
nH
from package to source bond pad
December 1997
2
Rev 1.100


Số phần tương tự - BUK9518-30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK9518-55 PHILIPS-BUK9518-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
logo
Inchange Semiconductor ...
BUK9518-55A ISC-BUK9518-55A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9518-55A NEXPERIA-BUK9518-55A Datasheet
363Kb / 15P
   N-channel TrenchMOS logic level FET
Rev. 02 - 17 February 2011
logo
NXP Semiconductors
BUK9518-55A PHILIPS-BUK9518-55A_15 Datasheet
249Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02-17 February 2011
More results

Mô tả tương tự - BUK9518-30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com