công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74AC245DWR2 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC74AC245DWR2
Giải thích chi tiết về linh kiện  Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC245DWR2 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC74AC245DWR2 Datasheet HTML 1Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 2Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 3Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 4Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 5Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 6Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 7Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 8Page - ON Semiconductor MC74AC245DWR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74AC245, MC74ACT245
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms − See AND8277/D at www.onsemi.com)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
5.0
8.5
1.0
9.0
ns
3−5
An to Bn or Bn to An
5.0
1.5
3.5
6.5
1.0
7.0
tPHL
Propagation Delay
3.3
1.5
5.0
8.5
1.0
9.0
ns
3−5
An to Bn or Bn to An
5.0
1.5
3.5
6.0
1.0
7.0
tPZH
Output Enable Time
3.3
2.5
7.0
11.5
2.0
12.5
ns
3−7
5.0
1.5
5.0
8.5
1.0
9.0
tPZL
Output Enable Time
3.3
2.5
7.5
12.0
2.0
13.5
ns
3−8
5.0
1.5
5.5
9.0
1.0
9.5
tPHZ
Output Disable Time
3.3
2.0
6.5
12.0
1.0
12.5
ns
3−7
5.0
1.5
5.5
9.0
1.0
10.0
tPLZ
Output Disable Time
3.3
2.0
7.0
11.5
1.5
13.0
ns
3−8
5.0
1.5
5.5
9.0
1.0
10.0
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40
°C to
+85
°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 mA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 mA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOZT
Maximum
3−State
Current
VI (OE) = VIL, VIH
5.5
±0.6
±6.0
mA
VI = VCC, GND
VO = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80.0
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.


Số phần tương tự - MC74AC245DWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74AC245DWR2 ONSEMI-MC74AC245DWR2 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
MC74AC245DWR2G ONSEMI-MC74AC245DWR2G Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
More results

Mô tả tương tự - MC74AC245DWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com