công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK9508-55 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện BUK9508-55
Giải thích chi tiết về linh kiện  TrenchMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9508-55 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  BUK9508-55 Datasheet HTML 1Page - NXP Semiconductors BUK9508-55 Datasheet HTML 2Page - NXP Semiconductors BUK9508-55 Datasheet HTML 3Page - NXP Semiconductors BUK9508-55 Datasheet HTML 4Page - NXP Semiconductors BUK9508-55 Datasheet HTML 5Page - NXP Semiconductors BUK9508-55 Datasheet HTML 6Page - NXP Semiconductors BUK9508-55 Datasheet HTML 7Page - NXP Semiconductors BUK9508-55 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK9508-55
Logic level FET
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode logic
SYMBOL
PARAMETER
MAX.
UNIT
level field-effect power transistor in a
plastic
envelope
using
’trench’V
DS
Drain-source voltage
55
V
technology. The device features very
I
D
Drain current (DC)
75
A
low on-state resistance and has
P
tot
Total power dissipation
187
W
integral zener diodes giving ESD
T
j
Junction temperature
175
˚C
protection up to 2kV. It is intended for
R
DS(ON)
Drain-source on-state
8
m
use in
automotive and general
resistance
V
GS = 5 V
purpose switching applications.
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
55
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-55
V
±V
GS
Gate-source voltage
-
-
10
V
I
D
Drain current (DC)
T
mb = 25 ˚C
-
75
A
I
D
Drain current (DC)
T
mb = 100 ˚C
-
65
A
I
DM
Drain current (pulse peak value)
T
mb = 25 ˚C
-
240
A
P
tot
Total power dissipation
T
mb = 25 ˚C
-
187
W
T
stg, Tj
Storage & operating temperature
-
- 55
175
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model
-
2
kV
voltage
(100 pF, 1.5 k
Ω)
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
0.8
K/W
mounting base
R
th j-a
Thermal resistance junction to
in free air
60
-
K/W
ambient
d
g
s
12 3
tab
February 1997
1
Rev 1.000


Số phần tương tự - BUK9508-55

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK9508-55A PHILIPS-BUK9508-55A Datasheet
328Kb / 14P
   TrenchMOS logic level FET
Rev. 03-6 May 2002
logo
Inchange Semiconductor ...
BUK9508-55A ISC-BUK9508-55A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9508-55A NEXPERIA-BUK9508-55A Datasheet
403Kb / 11P
   TrenchMOS™ logic level FET
22 March 2017
BUK9508-55B NEXPERIA-BUK9508-55B Datasheet
464Kb / 15P
   N-channel TrenchMOS logic level FET
logo
Inchange Semiconductor ...
BUK9508-55B ISC-BUK9508-55B Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - BUK9508-55

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com