công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK9120-48TC bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện BUK9120-48TC
Giải thích chi tiết về linh kiện  PowerMOS transistor Voltage clamped logic level FET with temperature sensing diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9120-48TC bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  BUK9120-48TC Datasheet HTML 1Page - NXP Semiconductors BUK9120-48TC Datasheet HTML 2Page - NXP Semiconductors BUK9120-48TC Datasheet HTML 3Page - NXP Semiconductors BUK9120-48TC Datasheet HTML 4Page - NXP Semiconductors BUK9120-48TC Datasheet HTML 5Page - NXP Semiconductors BUK9120-48TC Datasheet HTML 6Page - NXP Semiconductors BUK9120-48TC Datasheet HTML 7Page - NXP Semiconductors BUK9120-48TC Datasheet HTML 8Page - NXP Semiconductors BUK9120-48TC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK9120-48TC
Voltage clamped logic level FET with temperature sensing diodes
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(CL)DSR
Drain source clamp voltage
R
G = 10 kΩ; ID = 10 A;
40
45
55
V
(peak value)
-55 < T
j < 175˚C
g
fs
Forward transconductance
V
DS = 25 V; ID = 10 A
20
53
-
S
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
2200
2900
pF
C
oss
Output capacitance
-
400
500
pF
C
rss
Feedback capacitance
-
215
300
pF
t
d on
Turn-on delay time
V
DD = 30 V; ID = 25 A;
-
12
18
µs
t
r
Turn-on rise time
V
GS = 5 V; RG = 10 kΩ;
-
55
80
µs
t
d off
Turn-off delay time
-
60
85
µs
t
f
Turn-off fall time
-
45
60
µs
L
d
Internal drain inductance
Measured from upper edge of drain
-
2.5
-
nH
tab to centre of die
L
s
Internal source inductance
Measured from source lead
-
7.5
-
nH
soldering point to source bond pad
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
-
-
-
52
A
current
I
DRM
Pulsed reverse drain current
-
-
-
208
A
V
SD
Diode forward voltage
I
F = 20 A ; VGS = 0 V
-
0.95
1.2
V
I
F = 40 A ; VGS = 0 V
-
1
-
V
CLAMPED ENERGY LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
W
DSRS
Non-repetitive drain-source
T
j = 25˚C prior to clamping;
-
450
mJ
clamped inductive turn off
I
D = 20 A; VDD < 16 V; VGS = 5 V;
energy
R
G = 10 kΩ; inductive load
February 1998
3
Rev 1.100


Số phần tương tự - BUK9120-48TC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK9107-40ATC NXP-BUK9107-40ATC Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
logo
Nexperia B.V. All right...
BUK9107-40ATC NEXPERIA-BUK9107-40ATC Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 04 - 16 February 2009
logo
NXP Semiconductors
BUK9107-40ATC PHILIPS-BUK9107-40ATC_15 Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
BUK9107-55ATE NXP-BUK9107-55ATE Datasheet
256Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9107-55ATE NEXPERIA-BUK9107-55ATE Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
More results

Mô tả tương tự - BUK9120-48TC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK563-48C PHILIPS-BUK563-48C Datasheet
72Kb / 8P
   PowerMOS transistor Voltage clamped logic level FET
February 1996 Rev 1.000
BUK553-48C PHILIPS-BUK553-48C Datasheet
69Kb / 9P
   PowerMOS transistor Voltage clamped logic level FET
August 1994 Rev 1.000
BUK573-48C PHILIPS-BUK573-48C Datasheet
71Kb / 9P
   PowerMOS transistor Clamped logic level FET
August 1994 Rev 1.000
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com