công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCU04AD bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74HCU04AD
Giải thích chi tiết về linh kiện  Hex Unbuffered Inverter High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCU04AD bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74HCU04AD Datasheet HTML 1Page - ON Semiconductor MC74HCU04AD Datasheet HTML 2Page - ON Semiconductor MC74HCU04AD Datasheet HTML 3Page - ON Semiconductor MC74HCU04AD Datasheet HTML 4Page - ON Semiconductor MC74HCU04AD Datasheet HTML 5Page - ON Semiconductor MC74HCU04AD Datasheet HTML 6Page - ON Semiconductor MC74HCU04AD Datasheet HTML 7Page - ON Semiconductor MC74HCU04AD Datasheet HTML 8Page - ON Semiconductor MC74HCU04AD Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 4
1
Publication Order Number:
MC74HCU04A/D
MC74HCU04A
Hex Unbuffered Inverter
High−Performance Silicon−Gate CMOS
The MC74HCU04A is identical in pinout to the LS04 and the
MC14069UB. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LSTTL
outputs.
This device consists of six single−stage inverters. These inverters
are well suited for use as oscillators, pulse shapers, and in many other
applications requiring a high−input impedance amplifier. For digital
applications, the HC04A is recommended.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V; 2.5 to 6.0 V in Oscillator
Configurations
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the JEDEC Standard No. 7.0 A Requirements
Chip Complexity: 12 FETs or 3 Equivalent Gates
Pb−Free Packages are Available
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
F SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
1
14
74HCU04A
ALYWG
HCU04AG
AWLYWW
14
1
1
14
HCU
04A
ALYWG
G
1
14
14
1
PDIP−14
N SUFFIX
CASE 646
MC74HCU04AN
AWLYYWWG
1
14
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Số phần tương tự - MC74HCU04AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74HCU04AD MOTOROLA-MC74HCU04AD Datasheet
134Kb / 7P
   Hex Unbuffered Inverter
logo
ON Semiconductor
MC74HCU04AD ONSEMI-MC74HCU04AD Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
MC74HCU04ADG ONSEMI-MC74HCU04ADG Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
MC74HCU04ADR2 ONSEMI-MC74HCU04ADR2 Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
MC74HCU04ADR2G ONSEMI-MC74HCU04ADR2G Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
More results

Mô tả tương tự - MC74HCU04AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HC04A ONSEMI-MC74HC04A_06 Datasheet
136Kb / 9P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC14A ONSEMI-MC74HC14A_06 Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HCT04 ONSEMI-74HCT04 Datasheet
125Kb / 7P
   Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com