công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK854-800A bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện BUK854-800A
Giải thích chi tiết về linh kiện  Insulated Gate Bipolar Transistor IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK854-800A bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  BUK854-800A Datasheet HTML 1Page - NXP Semiconductors BUK854-800A Datasheet HTML 2Page - NXP Semiconductors BUK854-800A Datasheet HTML 3Page - NXP Semiconductors BUK854-800A Datasheet HTML 4Page - NXP Semiconductors BUK854-800A Datasheet HTML 5Page - NXP Semiconductors BUK854-800A Datasheet HTML 6Page - NXP Semiconductors BUK854-800A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product Specification
Insulated Gate Bipolar Transistor (IGBT)
BUK854-800A
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Fast-switching N-channel insulated
SYMBOL
PARAMETER
MAX.
UNIT
gate bipolar power transistor in a
plastic envelope.
V
CE
Collector-emitter voltage
800
V
The device is intended for use in
I
C
Collector current (DC)
12
A
motor control, DC/DC and AC/DC
P
tot
Total power dissipation
85
W
converters, and in general purpose
V
CEsat
Collector-emitter on-state voltage
3.5
V
high frequency switching
E
off
Turn-off Energy Loss
0.5
mJ
applications.
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
collector
3
emitter
tab
collector
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CE
Collector-emitter voltage
-
-5
800
V
V
CGR
Collector-gate voltage
R
GE = 20 kΩ
-
800
V
±V
GE
Gate-emitter voltage
-
-
30
V
I
C
Collector current (DC)
T
mb =
25 ˚C
-
12
A
I
C
Collector current (DC)
T
mb = 100 ˚C
-
6
A
I
CLM
Collector Current (Clamped
T
j ≤ Tjmax.
-20
A
Inductive Load)
V
CL ≤ 500 V
I
CM
Collector current (pulsed peak value, T
j ≤ Tjmax.
-30
A
on-state)
P
tot
Total power dissipation
T
mb =
25 ˚C
-
85
W
T
stg
Storage temperature
-
- 55
150
˚C
T
j
Junction Temperature
-
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Junction to mounting base
-
-
1.47
K/W
R
th j-a
Junction to ambient
In free air
60
-
K/W
12 3
tab
c
g
e
October 1994
1
Rev.1.100


Số phần tương tự - BUK854-800A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
More results

Mô tả tương tự - BUK854-800A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTG30N60FLWG ONSEMI-NGTG30N60FLWG Datasheet
174Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
logo
ON Semiconductor
NGTB30N60FLWG ONSEMI-NGTB30N60FLWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB40N60IHLWG ONSEMI-NGTB40N60IHLWG Datasheet
184Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTB50N60FWG ONSEMI-NGTB50N60FWG Datasheet
183Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTG50N60FWG ONSEMI-NGTG50N60FWG Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB30N60FWG ONSEMI-NGTB30N60FWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTB50N60FLWG ONSEMI-NGTB50N60FLWG Datasheet
187Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
NGTG30N60FWG ONSEMI-NGTG30N60FWG Datasheet
175Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com