công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV1403 bảng dữ liệu(PDF) 7 Page - Zarlink Semiconductor Inc

tên linh kiện MV1403
Giải thích chi tiết về linh kiện  PCM MACROCELL DEMONSTRATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZARLINK [Zarlink Semiconductor Inc]
Trang chủ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MV1403 bảng dữ liệu(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button MV1403 Datasheet HTML 3Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 4Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 5Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 6Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 7Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 8Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 9Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 10Page - Zarlink Semiconductor Inc MV1403 Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MV1403
6
INDIVIDUAL RECEIVE MODE, RX1
In this mode (MODE = 1, DEMO = 0) the MV1403 allows
access to the four receiver macrocells (HDB3DC, RXTSZ,
RXTS16 and CRCCHK) individually. The functional diagram
for the MV1403 in RX1 mode is shown in Fig. 7. The only
common connection between the macrocells is the 2.048MHz
clock used to synchronise the four macrocells. The function of
each individual macrocell is now described separately.
High Density Bipolar (HDB3) Decoder
The HDB3 decoder macrocell decodes the HDB3 pseudo-
ternary input data on its inputs, RXD1 and RXD2, into NRZ
form to be output on a This process is carried out in
accordance with CCITT Recommendation G. 703. In addition
the macrocell provides two alarm outputs, DV and LIA and a
clock recovery output, CDR.
The first of these, DV, is used to signal that a double
polarity violation has occurred on one of the pseudo-ternary
inputs, whilst the second, LIA (Loss of Input Alarm), signals
that eleven consecutive zeros have been received on the
inputs. The CDR output is provided to assist regeneration of
the 2.048MHz clock. This output is essentially just a logical
‘OR’ function of the two RXD inputs.
Since either a regenerated clock from the input data or a
clock local to the PCM receiver may be used to synchronise
the receiver, the two input signals cannot be guaranteed to
straddle a rising clock edge and as such the two inputs were
made asynchronous by the use of set-reset type latches
before the first synchronous storage elements on the inputs.
However, to ensure correct operation of the macrocell the
rising edge of either of the RXD inputs should not occur within
50ns of the rising edge of CLK. The timing diagram for this
macrocell is shown in Fig. 8.
Timeslot Zero Receiver
This macrocell is principally responsible for searching for
and locking on to the Frame Alignment Signal (FAS) present in
timeslot zero of the incoming data stream on the D input. This
process is carried out in accordance with the loss and recovery
of
frame
alignment
strategy
described
in
CCITT
Recommendation G.732. When frame alignment has been
achieved this macrocell outputs various timing reference
signals for use by the other macrocells and external circuitry.
The most important reference signal is the TSZ (Timeslot
Zero) output, which is equivalent to the FRS input signal
required by the transmitter macrocells. It is an 8 clock period
long active high pulse masking Timeslot Zero, allowing the
other macrocells to achieve frame alignment. This output will
free run when frame alignment is lost. The second timing
output is TZS (Timeslot Zero Sync. frame). This 4kHz signal
changes state once per frame, one period after the end of
Timeslot Zero to identify sync and non sync frames. The TZS
output is high during Timeslot Zero of sync frames.
Two timing outputs,
CCR (Channel Reset) and CK8, are
not used by the other macrocells but may be used by external
circuitry.
CCR is a low going pulse, one period wide, occurring
immediately after each timeslot zero sync frame. CK8 is an
8kHz signal going low at the end of bit 7 in each timeslot zero
and high at the end of bit 7 in each timeslot sixteen. The TZS,
CK8 and
CCR outputs also free run when frame alignment is
lost.
Two alarm outputs are provided to signal errors in the
incoming data stream. The first of these, is an error alarm, ER,
which goes high for one frame following the frame in which a
Timeslot Zero sync word, containing a corrupted alignment
pattern, has been received. This alarm is only active whilst the
receiver is in sync. Note that three consecutive errors of this
type will put the receiver out of sync. Thus the second alarm
output, SA (Sync. Alarm), goes high when the receiver is out of
sync. In additon to the frame synchronisation process, the
Timeslot Zero Receiver is also responsible for extracting the
user data bits of non-sync words and the two international
spare bits. The former of these are accessed via the parallel
outputs Q3N-Q8N. The third bit of non-sync words (Q3N) is
used as the remote alarm bit from the transmitter and a third
alarm output RAI (Remote Alarm Indication), is derived from
this bit. This alarm is a persistence checked version of Q3N
and when the receiver is in sync, this alarm goes high when
two consecutive (Q3N bits have been received as high.
In order to extract the international spare bits of Timeslot
Zero, the macrocell must be in sync with CRC mode correctly
enabled or disabled. This is done using the M input with a logic
‘high’ on this pin putting the macrocell in CRC mode.
Figure 7: RX1 individual receive mode functional diagram
CLK
MODE
STM
DEMO
MFDS
VDD GND
FRS
MFD6
MFQ9
MFQ2
Q1S, DQ1, DQ3-DQ8
FRZ13RZ MFD2
MFD1
RXD2
D
Q
ER2
MODE
CONTROL
HDB3DC
CRCCHK
RXTS16
RXTSZ
VDD
STM
DEMO
MODE
CLK
ER
MFQ1
TSZRZ
TZSRZ
CK8
RST
CCR
CRC
RAI
ER
SA
TSZ
TZS
CK8
CCR
RST
M (CRC)
D
FRS13
FRS15
Q1S, DQ1, DQ3-DQ8
FRS
ER1
MSA
FRS
15
FRS13
D
TZS
TZS
RXD1
DV
LIA
CDR
Q
MFD4 MFD3
MFQ3
LIA
MFQ4
MFQ5
FRS13


Số phần tương tự - MV1403

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
   TUNING VARACTOR
MV1403 ASI-MV1403 Datasheet
35Kb / 1P
   TUNING VARACTOR
MV1403 ASI-MV1403_07 Datasheet
35Kb / 1P
   TUNING VARACTOR
More results

Mô tả tương tự - MV1403

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
PEM119020 ETC1-PEM119020 Datasheet
487Kb / 8P
   Engineering Demonstrator
logo
CML Microcircuits
DE9944 CMLMICRO-DE9944 Datasheet
446Kb / 3P
   SDR Demonstrator
DE9943 CMLMICRO-DE9943 Datasheet
1Mb / 2P
   SDR Demonstrator
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3064 PHILIPS-PZ3064 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Intel Corporation
5C090 INTEL-5C090 Datasheet
979Kb / 17P
   24 MACROCELL CMOS PLD
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com