công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMBD914LT1 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MMBD914LT1
Giải thích chi tiết về linh kiện  High?뭆peed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD914LT1 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MMBD914LT1 Datasheet HTML 1Page - ON Semiconductor MMBD914LT1 Datasheet HTML 2Page - ON Semiconductor MMBD914LT1 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 5
1
Publication Order Number:
MMBD914LT1/D
MMBD914LT1
Preferred Device
High−Speed Switching
Diode
Features
Pb−Free Package is Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
100
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR− 5 Board (Note 1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(IR = 100 mAdc)
V(BR)
100
Vdc
Reverse Voltage Leakage Current
(VR = 20 Vdc)
(VR = 75 Vdc)
IR
25
5.0
nAdc
mAdc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CT
4.0
pF
Forward Voltage
(IF = 10 mAdc)
VF
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc) (Figure 1)
trr
4.0
ns
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
Device
Package
Shipping
ORDERING INFORMATION
SOT−23
CASE 318
STYLE 8
MMBD914LT1
SOT−23
3000/Tape & Reel
MARKING DIAGRAM
1
ANODE
3
CATHODE
Preferred devices are recommended choices for future use
and best overall value.
MMBD914LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MMBD914LT3G
SOT−23
(Pb−Free)
10,000/Tape & Reel
1
5D M
G
G
5D
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
MMBD914LT3
SOT−23
10,000/Tape & Reel
2
1
3


Số phần tương tự - MMBD914LT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MMBD914LT1 MOTOROLA-MMBD914LT1 Datasheet
78Kb / 4P
   High-Speed Switching Diode
logo
Leshan Radio Company
MMBD914LT1 LRC-MMBD914LT1 Datasheet
53Kb / 2P
   High-Speed Switching Diode
logo
TRANSYS Electronics Lim...
MMBD914LT1 TEL-MMBD914LT1 Datasheet
102Kb / 1P
   Plastic-Encapsulated Diodes
logo
WILLAS ELECTRONIC CORP
MMBD914LT1 WILLAS-MMBD914LT1 Datasheet
296Kb / 3P
   High?뭆peed Switching Diode
logo
ON Semiconductor
MMBD914LT1G ONSEMI-MMBD914LT1G Datasheet
123Kb / 3P
   High-Speed Switching Diode
August, 2009 ??Rev. 6
More results

Mô tả tương tự - MMBD914LT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Yea Shin Technology Co....
MMBD914 YEASHIN-MMBD914 Datasheet
657Kb / 3P
   High?뭆peed Switching Diode
logo
First Silicon Co., Ltd
FDS914 FS-FDS914 Datasheet
353Kb / 3P
   High?뭆peed Switching Diode
logo
ON Semiconductor
1SS400T1 ONSEMI-1SS400T1_07 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
logo
AiT Semiconductor Inc.
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
logo
ON Semiconductor
NSD914XV2T1 ONSEMI-NSD914XV2T1 Datasheet
51Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 3
logo
WILLAS ELECTRONIC CORP
MMBD914LT1 WILLAS-MMBD914LT1 Datasheet
296Kb / 3P
   High?뭆peed Switching Diode
logo
ON Semiconductor
MMDL914T1 ONSEMI-MMDL914T1 Datasheet
47Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 4
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
NE521 ONSEMI-NE521 Datasheet
123Kb / 7P
   High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
logo
AiT Semiconductor Inc.
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com