công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC26LS30 bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MC26LS30
Giải thích chi tiết về linh kiện  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30 bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MC26LS30 Datasheet HTML 6Page - ON Semiconductor MC26LS30 Datasheet HTML 7Page - ON Semiconductor MC26LS30 Datasheet HTML 8Page - ON Semiconductor MC26LS30 Datasheet HTML 9Page - ON Semiconductor MC26LS30 Datasheet HTML 10Page - ON Semiconductor MC26LS30 Datasheet HTML 11Page - ON Semiconductor MC26LS30 Datasheet HTML 12Page - ON Semiconductor MC26LS30 Datasheet HTML 13Page - ON Semiconductor MC26LS30 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC26LS30
http://onsemi.com
11
SYSTEM EXAMPLES
(Pin numbers refer to SO−16 package only.)
Differential System
An example of a typical EIA−422−A system is shown in
Figure 17. Although EIA−422−A does not specifically
address multiple driver situations, the MC26LS30 can be
used in this manner since the outputs can be put into a high
impedance mode. It is, however, the system designer’s
responsibility to ensure the Enable pins are properly
controlled so as to prevent two drivers on the same cable from
being “on” at the same time.
The limit on the number of receivers and drivers which
may be connected on one system is determined by the input
current of each receiver, the maximum leakage current of
each “off” driver, and the DC current through each
terminating resistor. The sum of these currents must not
exceed the capability of the “on” driver (
≈60 mA). If the
cable is of any significant length, with receivers at various
points along its length, the common mode voltage may vary
along its length, and this parameter must be considered when
calculating the maximum driver current.
The cable requirements are defined not only by the AC
characteristics and the data rate, but also by the DC resistance.
The maximum resistance must be such that the minimum
voltage across any receiver inputs is never less than 200 mV.
The ground terminals of each driver and receiver in Figure
17 must be connected together by a dedicated wire (or the
shield) in the cable to provide a common reference. Chassis
grounds or power line grounds should not be relied on for
this common connection as they may generate significant
common mode differences. Additionally, they usually do
not provide a sufficiently low impedance at the frequencies
of interest.
Single−Ended System
An example of a typical EIA−423−A system is shown in
Figure 18. Multiple drivers on a single data line are not
possible since the drivers cannot be put into a high
impedance mode. Although each driver is shown connected
to a single receiver, multiple receivers can be driven from a
single driver as long as the total load current of the receivers
and the terminating resistor does not exceed the capability
of the driver (
≈60 mA). If the cable is of any significant
length, with receivers at various points along its length, the
common mode voltage may vary along its length, and this
parameter must be considered when calculating the
maximum driver current.
The cable requirements are defined not only by the AC
characteristics and the data rate, but also by the DC
resistance. The maximum resistance must be such that the
minimum voltage across any receiver inputs is never less
than 200 mV.
The ground terminals of each driver and receiver in
Figure 18 must be connected together by a dedicated wire
(or the shield) in the cable so as to provide a common
reference. Chassis grounds or power line grounds should not
be relied on for this common connection as they may
generate
significant
common
mode
differences.
Additionally, they usually do not provide a sufficiently low
impedance at the frequencies of interest.
Additional Modes of Operation
If compliance with EIA−422−A or EIA−423−A Standard
is not required in a particular application, the MC26LS30
can be operated in two other modes.
1) The device may be operated in the differential mode
(Pin 4 = 0) with VEE connected to any voltage between
ground and −5.25 V. Outputs in the low state will be
referenced to VEE, resulting in a differential output voltage
greater than that shown in Figure 6. The Enable pins will
operate the same as previously described.
2) The device may be operated in the single−ended mode
(Pin 4 = 1) with VEE connected to any voltage between
ground and −5.25 V. Outputs in the high state will be at a
voltage as shown in Figure 10, while outputs in a low state
will be referenced to VEE.
Termination Resistors
Transmission line theory states that, in order to preserve
the shape and integrity of a waveform traveling along a
cable, the cable must be terminated in an impedance equal
to its characteristic impedance. In a system such as that
depicted in Figure 17, in which data can travel in both
directions, both physical ends of the cable must be
terminated. Stubs leading to each receiver and driver should
be as short as possible.
In a system such as that depicted in Figure 18, in which
data normally travels in one direction only, a terminator is
theoretically required only at the receiving end of the cable.
However, if the cable is in a location where noise spikes of
several volts can be induced onto it, then a terminator
(preferably a series resistor) should be placed at the driver
end to prevent damage to the driver.
Leaving off the terminations will generally result in
reflections which can have amplitudes of several volts above
VCC or several volts below ground or VEE. These
overshoots/undershoots can disrupt the driver and/or
receiver, create false data, and in some cases, damage
components on the bus.


Số phần tương tự - MC26LS30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
MC26LS30D ONSEMI-MC26LS30D Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
More results

Mô tả tương tự - MC26LS30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
Texas Instruments
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com