công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H645 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC10H645
Giải thích chi tiết về linh kiện  1:9 TTL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H645 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC10H645 Datasheet HTML 1Page - ON Semiconductor MC10H645 Datasheet HTML 2Page - ON Semiconductor MC10H645 Datasheet HTML 3Page - ON Semiconductor MC10H645 Datasheet HTML 4Page - ON Semiconductor MC10H645 Datasheet HTML 5Page - ON Semiconductor MC10H645 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC10H645
http://onsemi.com
4
Table 7. AC CHARACTERISTICS (VT = VE = 5.0 V ±5%)
0°C
25°C
85°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
Propagation Delay
D0 to Output Only
Q0−Q8
4.8
5.8
4.8
5.8
5.2
6.2
ns
CL = 50 pF
tPLH
Propagation Delay
D1 to Output
4.8
5.8
4.8
5.8
5.2
6.2
ns
tPHL
Propagation Delay
D0 to Output
D1 to Output
4.8
4.8
5.8
5.8
4.8
4.8
5.8
5.8
5.2
5.2
6.2
6.2
ns
tskpp
Part−to−Part Skew
D0 to Output Only
1.0
1.0
1.0
ns
tskwd*
Within−Device Skew
D0 to Output Only
0.65
0.65
0.65
ns
tPLH
Propagation Delay
SEL to Q
Q0−Q8
4.5
6.5
5.0
7.0
5.2
7.2
ns
CL = 50 pF
tr
tf
Output Rise/Fall Time
0.8V to 2.0V
Q0−Q8
0.5
0.5
2.5
2.5
0.5
0.5
2.5
2.5
0.5
0.5
2.5
2.5
ns
CL = 50 pF
tS
Setup Time
SEL to D
1.0
1.0
1.0
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
*Within−Device Skew defined as identical transitions on similar paths through a device.
Table 8. DUTY CYCLE SPECIFICATIONS (0°C ≤ TA ≤ 85°C; Duty Cycle Measured Relative to 1.5 V)
Symbol
Characteristic
Min
Nom
Max
Unit
Condition
PW
Range of VCC and CL to Meet Min Pulse
Width (HIGH or LOW) at fout ≤50MHz
VCC
CL
PW
4.875
10.0
9.0
5.0
5.125
50.0
11.0
V
pF
ns
All Outputs
ORDERING INFORMATION
Device
Package
Shipping
MC10H645FN
PLCC−28
37 Units / Rail
MC10H645FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC10H645FNR2
PLCC−28
500 / Tape & Reel
MC10H645FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Số phần tương tự - MC10H645

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
MC10H645FNG ONSEMI-MC10H645FNG Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
MC10H645FNR2G ONSEMI-MC10H645FNR2G Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
More results

Mô tả tương tự - MC10H645

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
logo
Fairchild Semiconductor
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111 TI1-CDCVF111_13 Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H643 ONSEMI-MC10H643 Datasheet
106Kb / 5P
   DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com