công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC10H603FNR2G bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
MC10H603FNR2G bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
4 / 7 page MC10H603, MC100H603 http://onsemi.com 4 AC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −5.2 V ± 5% (10H); VEE = −4.2 V to −5.5 V (100H) Symbol Parameter Condition 0°C 25°C 85°C Unit Min Max Min Max Min Max tPLH tPHL Propagation Delay to Output D CL = 50 pF CL = 200 pF 3.0 6.4 6.0 12 3.0 6.4 6.0 12 3.0 6.4 6.0 12 ns ns LEN CL = 50 pF CL = 200 pF 3.5 7.0 6.5 13 3.5 7.0 6.5 13 3.5 7.0 6.5 13 ns ns MR CL = 50 pF CL = 200 pF 3.0 6.0 6.0 12 3.0 6.0 6.0 12 3.0 6.0 6.0 12 ns ns tPLZ tPHZ Output Disable Time CL = 50 pF CL = 200 pF 2.5 4.2 6.5 13 2.5 4.2 6.5 13 2.5 4.2 6.5 13 ns ns tPZL tPZH Output Enable Time CL = 50 pF CL = 200 pF 2.0 4.0 5.0 10 2.0 4.0 5.0 10 2.0 4.0 5.0 10 ns ns ts Setup Time D to LEN 1.5 1.5 1.5 ns th Hold Time D to LEN 0.8 0.8 0.8 ns tw(L) LEN Pulse Width, LOW 2.0 2.0 2.0 ns tR tF Output Rise/Fall Time 1.0 V−2.0 V CL = 50 pF CL = 200 pF 0.2 0.2 1.2 3.0 0.2 0.2 1.2 3.0 0.2 0.2 1.2 3.0 ns ns NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. ORDERING INFORMATION Device Package Shipping† MC10H603FN PLCC−28 37 Units / Rail MC10H603FNG PLCC−28 (Pb−Free) 37 Units / Rail MC10H603FNR2 PLCC−28 500 / Tape & Reel MC10H603FNR2G PLCC−28 (Pb−Free) 500 / Tape & Reel MC100H603FN PLCC−28 37 Units / Rail MC100H603FNG PLCC−28 (Pb−Free) 37 Units / Rail MC100H603FNR2 PLCC−28 500 / Tape & Reel MC100H603FNR2G PLCC−28 (Pb−Free) 500 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Số phần tương tự - MC10H603FNR2G |
|
Mô tả tương tự - MC10H603FNR2G |