công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H116L bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10H116L
Giải thích chi tiết về linh kiện  Triple Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H116L bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10H116L Datasheet HTML 1Page - ON Semiconductor MC10H116L Datasheet HTML 2Page - ON Semiconductor MC10H116L Datasheet HTML 3Page - ON Semiconductor MC10H116L Datasheet HTML 4Page - ON Semiconductor MC10H116L Datasheet HTML 5Page - ON Semiconductor MC10H116L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 10
1
Publication Order Number:
MC10H116/D
MC10H116
Triple Line Receiver
Description
The MC10H116 is a triple differential amplifier designed for use in
sensing differential signals over long lines and is a functional/pinout
duplication of the MC10116, with 100% improvement in propagation
delay and no increase in power supply current. For termination
information see AND8020.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation 85 mW Typ/Pkg (same as MECL 10K™)
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
Pb−Free Packages are Available*
Figure 1. Logic Diagram
*VBB to be used to supply bias to the MC10H116 only and bypassed
(when used) with 0.01 mF to 0.1 mF capacitor to ground (0 V). VBB can
source < 1.0 mA.
The MC10H116 is designed to be used in sensing differential signals
over long lines. The bias supply (VBB) is made available to make the
device useful as a Schmitt trigger, or in other applications where a
stable reference voltage is necessary.
Active current sources provide these receivers with excellent
common−mode noise rejection. If any amplifier in a package is not
used, one input of that amplifier must be connected to VBB to prevent
unbalancing the current−source bias network.
The MC10H116 does not have internal−input pull− down resistors.
This provides high impedance to the amplifier input and facilitates
differential connections.
Applications:
• Low Level Receiver
• Voltage Level
• Schmitt Trigger
Interface
Figure 2. Dip Pin Assignment
VCC1
AOUT
AOUT
AIN
AIN
BOUT
BOUT
VEE
VCC2
COUT
COUT
CIN
CIN
VBB
BIN
BIN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
5
4
11
3
2
10
9
7
6
13
12
15
14
When input pin with
bubble goes positive
it’s respective output
pin with bubble goes
positive.
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8
VBB*
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see TND309, the Pin Conversion Tables,
page 9.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAMS*
1
16
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
CDIP−16
L SUFFIX
CASE 620A
MC10H116L
AWLYYWW
PDIP−16
P SUFFIX
CASE 648
PLCC−20
FN SUFFIX
CASE 775
SO−16
D SUFFIX
CASE 751B
1
16
1
16
10H116G
AWLYWW
1
16
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
SOEIAJ−16
M, MEL SUFFIX
CASE 966
1
16
10H116
ALYWG
16
1
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
20 1
10H116G
AWLYYWW
120
16
1
MC10H116P
AWLYYWWG
16
1


Số phần tương tự - MC10H116L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10H116 ONSEMI-MC10H116 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
MC10H116DG ONSEMI-MC10H116DG Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
MC10H116DR2G ONSEMI-MC10H116DR2G Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
MC10H116FNG ONSEMI-MC10H116FNG Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
More results

Mô tả tương tự - MC10H116L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10116 ONSEMI-MC10116_02 Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com