công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H115FNG bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC10H115FNG
Giải thích chi tiết về linh kiện  Quad Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H115FNG bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC10H115FNG Datasheet HTML 1Page - ON Semiconductor MC10H115FNG Datasheet HTML 2Page - ON Semiconductor MC10H115FNG Datasheet HTML 3Page - ON Semiconductor MC10H115FNG Datasheet HTML 4Page - ON Semiconductor MC10H115FNG Datasheet HTML 5Page - ON Semiconductor MC10H115FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10H115
http://onsemi.com
2
Figure 1. Logic Diagram
Figure 2. Pin Assignment
VCC1
Aout
Bout
Ain
Ain
Bin
Bin
VEE
VCC2
Dout
Cout
Din
Din
Cin
Cin
VBB
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
2
5
4
3
6
7
14
11
10
15
12
13
9
*VBB to be used to supply bias to the MC10H115 only and
bypassed (when used) with 0.01 mF to 0.1 mF capacitor
to ground (0 V). VBB can source < 1.0 mA.
When input pin with bubble goes positive its respective
output pin with bubble goes positive.
VBB*
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8
Pin assignment is for Dual−in−Line Package.
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range
Plastic
Ceramic
−55 to +150
−55 to +165
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 2)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
29
26
29
mA
IinH
Input Current High
150
95
95
mA
ICBO
Input Leakage Current
1.5
1.0
1.0
mA
VBB
Reference Voltage
−1.38
−1.27
−1.35
−1.25
−1.31
−1.19
Vdc
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage (Note 1)
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage (Note 1)
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
VCMR
Common Mode
Range (Note 3)
−2.85 to −0.8
Vdc
VPP
Input Sensitivity (Note 4)
150 typ
mVPP
1. When VBB is used as the reference voltage.
2. Each MECL 10H™ series circuit has been designed to meet the specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained. Outputs are terminated through a 50 W resistor to −2.0 V.
3. Differential input not to exceed 1.0 Vdc.
4. 150 mVp−p differential input required to obtain full logic swing on output.


Số phần tương tự - MC10H115FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H115FNG ONSEMI-MC10H115FNG Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
More results

Mô tả tương tự - MC10H115FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
   Quad Line Receiver
1996 REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
   Quad Line Receiver
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL Datasheet
63Kb / 4P
   Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
MC10H115 ONSEMI-MC10H115_16 Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Linear Technology
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com