công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H350 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10H350
Giải thích chi tiết về linh kiện  PECL* to TTL Translator (5 Vdc Power Supply Only)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H350 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10H350 Datasheet HTML 1Page - ON Semiconductor MC10H350 Datasheet HTML 2Page - ON Semiconductor MC10H350 Datasheet HTML 3Page - ON Semiconductor MC10H350 Datasheet HTML 4Page - ON Semiconductor MC10H350 Datasheet HTML 5Page - ON Semiconductor MC10H350 Datasheet HTML 6Page - ON Semiconductor MC10H350 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
MC10H350/D
MC10H350
PECL* to TTL Translator
(+5 Vdc Power Supply Only)
Description
The MC10H350 is a member of the 10H family of high performance
ECL logic. It consists of 4 translators with differential inputs and TTL
outputs. The 3−state outputs can be disabled by applying a HIGH TTL
logic level on the common OE input.
The MC10H350 is designed to be used primarily in systems
incorporating both ECL and TTL logic operating off a common power
supply. The separate VCC power pins are not connected internally and
thus isolate the noisy TTL VCC runs from the relatively quiet ECL
VCC runs on the printed circuit board. The differential inputs allow the
MC10H350 to be used as an inverting or noninverting translator, or a
differential line receiver. The MC10H350 can also drive CMOS with
the addition of a pullup resistor.
Features
Propagation Delay, 3.5 ns Typical
MECL 10K™ Compatible
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
CASE 966
16
1
16
1
MC10H350P
AWLYYWWG
1
16
MC10H350L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
10H350
ALYWG
PLLC−20
FN SUFFIX
CASE 775
20 1
10H350G
AWLYYWW
120


Số phần tương tự - MC10H350

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
106Kb / 4P
   PECL* to TTL Translator(5 Vdc Power Supply Only)
1996 REV 6
MC10H350 ONSEMI-MC10H350 Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
MC10H350FNG ONSEMI-MC10H350FNG Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
MC10H350FNR2G ONSEMI-MC10H350FNR2G Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
MC10H350PG ONSEMI-MC10H350PG Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
More results

Mô tả tương tự - MC10H350

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
106Kb / 4P
   PECL* to TTL Translator(5 Vdc Power Supply Only)
1996 REV 6
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
[Old version datasheet]   5-V PECL-to-TTL Translator
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
Fairchild Semiconductor
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com