công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H334 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC10H334
Giải thích chi tiết về linh kiện  Quad Bus Driver/Receiver with Transmit and Receiver Latches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H334 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC10H334 Datasheet HTML 1Page - ON Semiconductor MC10H334 Datasheet HTML 2Page - ON Semiconductor MC10H334 Datasheet HTML 3Page - ON Semiconductor MC10H334 Datasheet HTML 4Page - ON Semiconductor MC10H334 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MC10H334
http://onsemi.com
5
PACKAGE DIMENSIONS
CDIP−20
L SUFFIX
CERAMIC DIP PACKAGE
CASE 732−03
ISSUE E
NOTES:
1. LEADS WITHIN 0.010 DIAMETER, TRUE
POSITION AT SEATING PLANE, AT MAXIMUM
MATERIAL CONDITION.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSIONS A AND B INCLUDE MENISCUS.
DIM
MIN
MAX
INCHES
A
0.940
0.990
B
0.260
0.295
C
0.150
0.200
D
0.015
0.022
F
0.055
0.065
G
0.100 BSC
H
0.020
0.050
J
0.008
0.012
K
0.125
0.160
L
0.300 BSC
M
0
15
N
0.010
0.040
__
A
20
110
11
B
F
C
SEATING
PLANE
D
H
G
K
N
J
M
L
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MC10H334/D
MECL 10H and MECL 10K are trademarks of Motorola, Inc.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Số phần tương tự - MC10H334

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
More results

Mô tả tương tự - MC10H334

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
logo
Motorola, Inc
MC10129 MOTOROLA-MC10129 Datasheet
113Kb / 7P
   Quad Bus Receiver
logo
Vishay Siliconix
SI9200 VISHAY-SI9200 Datasheet
121Kb / 6P
   CAN Bus Driver and Receiver
Rev. D, 16-May-11
SI9200EY VISHAY-SI9200EY Datasheet
69Kb / 4P
   CAN Bus Driver and Receiver
Rev. B, 27-Sep-96
SI9200 VISHAY-SI9200_V01 Datasheet
135Kb / 6P
   CAN Bus Driver and Receiver
01-Jan-2022
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
   BUS DRIVER / RECEIVER
logo
ON Semiconductor
MC10H330 ONSEMI-MC10H330_06 Datasheet
150Kb / 5P
   Quad Bus Driver/Receiver with 2?뭪o?? Output Multiplexers
February, 2006 ??Rev. 7
logo
Advanced Micro Devices
AM8T28 AMD-AM8T28 Datasheet
292Kb / 5P
   Schottky Three-State Quad Bus Driver/Receiver
logo
Bothhand USA, LP.
FB2022 BOTHHAND-FB2022 Datasheet
41Kb / 1P
   TRANSMIT / RECEIVER FILTER
FB2023 BOTHHAND-FB2023 Datasheet
27Kb / 1P
   TRANSMIT / RECEIVER FILTER
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com